Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1591 Datasheet(PDF) 11 Page - First Silicon Co., Ltd

Part # FAC1591
Description  2A 380KHZ 32V PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1591 Datasheet(HTML) 11 Page - First Silicon Co., Ltd

Back Button FAC1591 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 9Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 10Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 11Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 12Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Over Current Protection (OCP)
The cycle by cycle current limit threshold is set
between 3A and 4A. When the load current
reaches the current limit threshold, the cycle by
cycle current limit circuit turns off the high side
switch immediately to terminate the current duty
cycle. The inductor current stops rising. The cycle
by cycle current limit protection directly limits
inductor peak current. The average inductor
current is also limited due to the limitation on peak
inductor current. When the cycle by cycle current
limit circuit is triggered, the output voltage drops
as the duty cycle is decreasing.
Thermal Management and Layout
Consideration
In the FAC1591 buck regulator circuit, high pulsing
current flows through two circuit loops. The first
loop starts from the input capacitors, to the VIN
pin, to the VOUT pins, to the filter inductor, to the
output capacitor and load,and then returns to the
input capacitor through ground.
Current flows in the first loop when the high side
switch is on. The second loop starts from the
inductor, to the output capacitors and load, to the
GND pin of the FAC1591, and to the VOUT pins of
the FAC1591. Current flows in the second loop
when the low side diode is on.
In PCB layout, minimizing the two loops area
reduces the noise of this circuit and improves
efficiency. A ground plane is recommended to
connect input capacitor,
output capacitor, and
GND pin of the FAC1591.
In the FAC1591 buck regulator circuit, the two
major power dissipating components are the
FAC1591 and output inductor. The total power
dissipation of convertercircuit can be measured
by input power minus output power.
Ptotal _loss
= V IN × IIN – V O × IO
The power dissipation of inductor can be
approximately calculated by output current and
DCR of inductor.
Pinductor _loss
= IO 2 × Rinductor × 1.1
The junction to ambient temperature can be got
from power dissipation in the FAC1591 and thermal
impedance from junction to ambient.
T (jun-amb)
=(Ptotalloss–Pinductorloss)× ΘJA
The maximum junction temperature of FAC1591 is
145°C, which limits the maximum load current
capability. Please see the thermal de-rating
curves for the maximum load current of the
FAC1591 under different ambient temperatures.
The thermal performance of the FAC1591 is trongly
affected by the PCB layout. Extra care should be
taken by users during the design process to nsure
that the IC will operate under the recommended
environmental conditions.
Several layout tips are listed below for the best
electric and thermal performance.
1. Do not use thermal relief connection to the VIN
and the GND pin. Pour a maximized copper area
to the GND pin and the VIN pin to help thermal
dissipation.
2. Input capacitor should be connected to the VIN
pin and the GND pin as close as possible.
3. Make the current trace from VOUT pins to L to
the GND as short as possible.
4. Pour copper plane on all unused board area
and connect it to stable DC nodes, like VIN, GND,
or VOUT.
5. Keep sensitive signal traces such as trace
connecting FB pin away from the VOUT pins.
2008.01. 28
11/12
Revision No : 0
FAC1591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com