Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1591 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FAC1591
Description  2A 380KHZ 32V PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1591 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FAC1591 Datasheet HTML 1Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 2Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 3Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1591 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The FAC1591 is a 380 KHz fixed frequency
monolithic step down switch mode regulator
with a built in internal Power MOSFET. It
achieves 2A continuous output current over a
wide input supply range with excellent load
and line regulation.
The device includes a voltage reference,
oscillation circuit, error amplifier, internal
PMOS and etc.
The PWM control circuit is able to adjust the
duty ratio linearly from 0 to 100%. An enable
function, an over current protection function
and a short circuit protection function are
built inside. An internal compensation block
is built in to minimize external component
count.
The FAC1591 serves asideal power supply
units for portable devices.
Features
2A Constant Output Current
140m
Ω R
DSON Internal Power PMOSFET
Switch
Up to 95% Efficiency
Fixed 380KHz Frequency
Wide 3.6V to 32V Input Voltage Range
Output Adjustable from 1.222V to 30V
Built in Frequency Compensation
Built in Thermal Shutdown Function
Built in Current Limit Function
SOIC-8 Package is Available
The minimum dropout up to 0.3V
Applications
Portable DVD
LCD Monitor / TV
Battery Charger
ADSL Modem
Telecom / Networking Equipment
Figure 1 Package Type of FAC1591
SEMICONDUCTOR
TECHNICAL D ATA
FAC1591
2008.01. 28
1/12
Revision No : 0


Similar Part No. - FAC1591

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FAC1501H FS-FAC1501H Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1501HXX5-50 FS-FAC1501HXX5-50 Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1501HXX5-ADJ FS-FAC1501HXX5-ADJ Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
FAC1507D5 FS-FAC1507D5 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
More results

Similar Description - FAC1591

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1682 YOBON-YB1682 Datasheet
212Kb / 9P
2A 380KHz 20V PWM Buck DC/DC Converter
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
2A 380KHz 32V PWM Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1410 TECHCODE-TD1410 Datasheet
635Kb / 15P
2A 380KHz 20V PWM Buck DC/DC Converter
TD1534 TECHCODE-TD1534 Datasheet
710Kb / 16P
2A 380KHz 20V PWM Buck DC/DC Converter
TD1591 TECHCODE-TD1591 Datasheet
635Kb / 16P
2A 380KHz 32V PWM Buck DC/DC Converter
TD3112 TECHCODE-TD3112 Datasheet
637Kb / 16P
2.2A 380KHz 32V PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1410 FS-FAC1410 Datasheet
313Kb / 10P
2A 380KHZ 20V PWM Buck DC/DC Converter
FAC1534 FS-FAC1534 Datasheet
863Kb / 15P
2A 380KHz 20V PWM Buck DC/DC Converte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com