Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC75L05F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC75L05F
Description  Three-terminal positive voltage regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC75L05F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC75L05F Datasheet HTML 1Page - First Silicon Co., Ltd FC75L05F Datasheet HTML 2Page - First Silicon Co., Ltd FC75L05F Datasheet HTML 3Page - First Silicon Co., Ltd FC75L05F Datasheet HTML 4Page - First Silicon Co., Ltd FC75L05F Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2
Co
1
μF
FEATURES
 Maximum output current
IO: 100mA
 Output voltage
Vo: 5 V
 Continuous total dissipation
PD: Internal limited
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage Range
Vl
-0.3~+40
V
Operating Ambient Temperature Range
TOPR
-40~+85
℃
Storage Temperature Range
TSTG
-55~+150
℃
ELECTRICAL CHARACTERISTICS (VI=7V, Ci=Co=1
μF,Ta=25
℃ unless otherwise specified )
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Input voltage
VI
2.5
36
V
Load regulation
△Vo
Io=1mA-100mA
10
mV
Line regulation
△Vo
6V
≤Vl≤36V,VO=5V,IO=10mA
0.01
0.3
%/V
Quiescent current
Iq
V l=7V,No load
2
5
μA
Dropout Voltage
Vd
IO=100mA,VOUT=5V
500
mV
Output noise voltage
VN
BW=10Hz to 100kHz
135
μVRMS
Ripple rejection
RR
V l=7V,
VPP=0.5V,
IO=1mA
f=100Hz
80
dB
f=1kHz
70
f=10kHz
60
f=100kHz
40
Short current
ISC
VOPUT=VSS
25
mA
Output Current Limit
IPK
VOUT= 0.5xVOUT(Normal) , V N=5V
250
400
mA
Thermal protection
TSD
IO=1mA
150
℃
Thermal protection Hys
TSD_HYS
IO=1 A
m
20
℃
Temperature coefficient
ΔVO/ΔT
IO=1 A
m
±0.5
mV/
℃
TYPICAL APPLICATION
VI
3
1
VO
Ci
1
μF
FC75L05F
Output voltage
VO
VI=
9
.
4
A
m
0
1
=
o
I
,
V
7
5
5.1
V
SOT- 89
1.OUT
2.GND
3.IN
2
3
1
FC75L05F
Three-terminal positive voltage regulator
2019. 07. 25
1/5
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FC75L05F


Similar Part No. - FC75L05F

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
FC7501 BECKHOFF-FC7501 Datasheet
137Kb / 2P
Infrastructure, 1-channel fieldbus card, SERCOS II, master, PCI, FSMA
FC7502 BECKHOFF-FC7502 Datasheet
134Kb / 2P
Infrastructure, 2-channel fieldbus card, SERCOS II, master, PCI, FSMA
FC7502-0000 BECKHOFF-FC7502-0000 Datasheet
134Kb / 2P
Infrastructure, 2-channel fieldbus card, SERCOS II, master, PCI, FSMA
FC7551 BECKHOFF-FC7551 Datasheet
92Kb / 2P
Infrastructure, 1-channel fieldbus card, SERCOS II, master, Mini PCI
FC7551-0000 BECKHOFF-FC7551-0000 Datasheet
92Kb / 2P
Infrastructure, 1-channel fieldbus card, SERCOS II, master, Mini PCI
More results

Similar Description - FC75L05F

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM78L10 KEXIN-LM78L10 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
LM78L05 KEXIN-LM78L05 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
78M12 KEXIN-78M12 Datasheet
179Kb / 1P
Three-terminal Positive Voltage Regulator
LM78M06 KEXIN-LM78M06 Datasheet
54Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ7815 WINNERJOIN-WEJ7815 Datasheet
162Kb / 1P
Three-terminal positive voltage regulator
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
Three-terminal positive voltage regulator
WEJ78L15-TO-92 WINNERJOIN-WEJ78L15-TO-92 Datasheet
164Kb / 1P
Three-terminal positive voltage regulator
WEJ78L06-TO-92 WINNERJOIN-WEJ78L06-TO-92 Datasheet
142Kb / 1P
Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
Three-terminal positive voltage regulator
78L05 LUGUANG-78L05 Datasheet
307Kb / 3P
Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com