Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC75L05F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC75L05F
Description  Three-terminal positive voltage regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC75L05F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC75L05F Datasheet HTML 1Page - First Silicon Co., Ltd FC75L05F Datasheet HTML 2Page - First Silicon Co., Ltd FC75L05F Datasheet HTML 3Page - First Silicon Co., Ltd FC75L05F Datasheet HTML 4Page - First Silicon Co., Ltd FC75L05F Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40
-20
0
20
40
60
80
100
4.85
4.90
4.95
5.00
5.05
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE V
IN
(V)
Quiescent Current vs Input Voltage
V
OUT
=5V
AMBIENT TEMPERATURE T
a
( )
℃
V
IN
=6V
V
IN
=12V
V
IN
=24V
V
IN
=30V
Output Voltage vs Ambient Temperature
I
O
=1mA
V
OUT
=5.0V
INPUT VOLTAGE V
IN
(V)
I
O
=1mA
I
O
=10mA
I
O
=100mA
Output Voltage vs Input Voltage
LOAD CURRENT (mA)
V
IN
=6V
V
IN
=12V
V
IN
=24V
V
IN
=30V
-40℃
Output Voltage vs Load Current
25℃
V
IN
=6V
V
IN
=12V
V
IN
=24V
V
IN
=30V
LOAD CURRENT (mA)
Output Voltage vs Load Current
85℃
LOAD CURRENT (mA)
V
IN
=6V
V
IN
=12V
V
IN
=24V
V
IN
=30V
Output Voltage vs Load Current
Typical Characteristics
FC75L05F
2019. 07. 25
2/5
Revision No : 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com