Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC1360PRG Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC1360PRG
Description  1A LED Lighting Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC1360PRG Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC1360PRG Datasheet HTML 1Page - First Silicon Co., Ltd FC1360PRG Datasheet HTML 2Page - First Silicon Co., Ltd FC1360PRG Datasheet HTML 3Page - First Silicon Co., Ltd FC1360PRG Datasheet HTML 4Page - First Silicon Co., Ltd FC1360PRG Datasheet HTML 5Page - First Silicon Co., Ltd FC1360PRG Datasheet HTML 6Page - First Silicon Co., Ltd FC1360PRG Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics
Test Condition: VIN = 12V DC, Ta = 25 oC
Parameter
Symbol
Conditions
Ta=25 C
Units
Min
Typ
Max
Input Voltage
VIN
7
32
V
Internal regulator start-up
threshold voltage
VSU
VIN rising from 0V until VADJ 1.25V
5.65
V
Quiescent supply current
with LX output off
IINQoff
VADJ= 0V, VIN = 12V
55
90
A
VADJ= 0V, VIN = 30V
65
130
Quiescent supply current
with LX output switching
IINQon
VSENSE = VIN & VIN – 0.125V at
frequency of 250 kHz, ADJ pin floating
1.9
5.2
mA
Mean current sense
threshold voltage (1)
VSENSE
Measured on ISENSE pin with respect
to VIN, ADJ pin floating
95
100
105
mV
Sense threshold hysteresis VSENSEHYS
±15
%
Internal reference voltage
VREF
Measured on ADJ pin with pin floating 1.15
1.25
1.35
V
External control voltage
range on ADJ pin for dc
brightness control (2)
VADJ
0.3
2.0
V
LX switch On Resistance
RLX
VSENSE = VIN = 12V, ADJ pin floating
1.3
3.5
Ohm
LX switch Output Current
ILX
1.25
A
LX switch Leakage Current ILX_Leakage
VSENSE = VIN = 12V, VADJ= 0V,
VLX = 30V
5
A
Note
(NOTE 1) VSENSE defines LED current setting accuracy
(NOTE 2) VADJ defines LED current. The LED light intensity will vary by varying the VADJ voltage from 0.3V to 2.0V. By applying VADJ < 0.2V, the
LED shall switch off.
FC1360
2009. 07. 10
3/7
Revision No : 0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com