Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC1360PRG Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC1360PRG
Description  1A LED Lighting Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC1360PRG Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC1360PRG Datasheet HTML 1Page - First Silicon Co., Ltd FC1360PRG Datasheet HTML 2Page - First Silicon Co., Ltd FC1360PRG Datasheet HTML 3Page - First Silicon Co., Ltd FC1360PRG Datasheet HTML 4Page - First Silicon Co., Ltd FC1360PRG Datasheet HTML 5Page - First Silicon Co., Ltd FC1360PRG Datasheet HTML 6Page - First Silicon Co., Ltd FC1360PRG Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Application Notes
Setting nominal average output current with external resistor RS
The nominal average output current in the LED(s) is determined by the value of the external
current sense resistor (RS) connected between VIN and ISENSE and is given by:
IOUT = 0.1/RS (A)
The table below gives values of nominal average output current for several preferred values of
current setting resistor (RS) in the typical application circuit:
RS (ohm)
Nominal Average Output Current (mA)
0.1
1000
0.13
760
0.15
667
The above values assume that the ADJ pin is floating and at a nominal voltage of VREF
(1.25V).Note that RS = 0.1 ohm is the minimum allowed value of sense resistor under these
conditions to maintain switch current below the specified maximum value.
Output current adjustment by external DC control voltage
The ADJ pin can be driven by an external dc voltage (VADJ), to adjust the output current to a
value above or below the nominal average value defined by RS.
The nominal average output current in this case is given by:
IOUTdc = (VADJ /1.25) x 100mV x RS (for 0.3< VADJ <2.5V)
Note that 100% brightness setting corresponds to VADJ = VREF. When driving the ADJ pin
above 1.25V, RS must be increased in proportion to prevent IOUTdc exceeding 1A maximum.
The input impedance of the ADJ pin is 200k_ ±25% for voltages below VREF and 20k_ ±25%
for voltages above VREF +100mV.
Inherent open-circuit LED protection
If the connection to the LED(s) is open-circuited, the coil is isolated from the LX pin of the
chip, so the device will not be damaged, unlike in many boost converters, where the back EMF
may damage the internal switch by forcing the drain above its breakdown voltage.
FC1360
2009. 07. 10
4/7
Revision No : 0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com