Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC8130 Datasheet(PDF) 13 Page - First Silicon Co., Ltd

Part # FC8130
Description  Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8130 Datasheet(HTML) 13 Page - First Silicon Co., Ltd

Back Button FC8130 Datasheet HTML 8Page - First Silicon Co., Ltd FC8130 Datasheet HTML 9Page - First Silicon Co., Ltd FC8130 Datasheet HTML 10Page - First Silicon Co., Ltd FC8130 Datasheet HTML 11Page - First Silicon Co., Ltd FC8130 Datasheet HTML 12Page - First Silicon Co., Ltd FC8130 Datasheet HTML 13Page - First Silicon Co., Ltd FC8130 Datasheet HTML 14Page - First Silicon Co., Ltd FC8130 Datasheet HTML 15Page - First Silicon Co., Ltd FC8130 Datasheet HTML 16Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2015. 4. 23
13/16
Revision No : 0
FC8130
Package Outline Drawing
SOT-23-5
TOP VIEW
SIDE VIEW
PIN#1
M ARK
1
3
5
4
DETAIL
E E1
e
A
A1
L
1
3
DETAIL
c
2
D
2
b
Min.
Max.
A
0.90
1.45
A1
0.00
0.15
b
0.30
0.50
c
0.08
0.25
D
2.70
3.10
E
1.40
1.80
E1
2.60
3.00
e
L
0.30
0.60
0.95 BSC
Symbol
Dimension in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com