Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC8130 Datasheet(PDF) 16 Page - First Silicon Co., Ltd

Part # FC8130
Description  Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8130 Datasheet(HTML) 16 Page - First Silicon Co., Ltd

Back Button FC8130 Datasheet HTML 8Page - First Silicon Co., Ltd FC8130 Datasheet HTML 9Page - First Silicon Co., Ltd FC8130 Datasheet HTML 10Page - First Silicon Co., Ltd FC8130 Datasheet HTML 11Page - First Silicon Co., Ltd FC8130 Datasheet HTML 12Page - First Silicon Co., Ltd FC8130 Datasheet HTML 13Page - First Silicon Co., Ltd FC8130 Datasheet HTML 14Page - First Silicon Co., Ltd FC8130 Datasheet HTML 15Page - First Silicon Co., Ltd FC8130 Datasheet HTML 16Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
2015. 4. 23
16/16
Revision No : 0
FC8130
Package Outline Drawing
SC-82-4
TOP VIEW
1
2
4
3
D
e
E
E1
b
DETAIL A
L
C
DETAIL A
SIDE VIEW
BOTTOM VIEW
e1
A
D
A1
Min.
Max.
A
0.80
1.10
A1
0.00
0.10
b
0.15
0.30
b1
0.30
0.60
c
0.08
0.22
D
1.85
2.15
E
1.10
1.40
E1
1.80
2.40
e
e1
L
0.26
0.46
1.1875 BSC
Dimension in mm
Symbol
1.30 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com