Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC8731 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC8731
Description  High-PSRR, Low-Noise, 300mA CMOS Linear Regulator with 3 Types of Output Select
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8731 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC8731 Datasheet HTML 1Page - First Silicon Co., Ltd FC8731 Datasheet HTML 2Page - First Silicon Co., Ltd FC8731 Datasheet HTML 3Page - First Silicon Co., Ltd FC8731 Datasheet HTML 4Page - First Silicon Co., Ltd FC8731 Datasheet HTML 5Page - First Silicon Co., Ltd FC8731 Datasheet HTML 6Page - First Silicon Co., Ltd FC8731 Datasheet HTML 7Page - First Silicon Co., Ltd FC8731 Datasheet HTML 8Page - First Silicon Co., Ltd FC8731 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2018. 05. 03
2/11
Revision No : 1
FC8731
Connection Diagrams
Order information
FC8731-XXVF05NRR
XX
Output voltage control no.
VF05
SOT-25 Package
NRR
RoHS & Halogen free package
Rating: -40 to 85°C
Package in Tape & Reel
Order, Marking & Packing Information
Package
Vout-A
Vout-B
Product ID.
Marking
Packing
2.5V
3.0V
FC8731-02VF05NRR
1.2V
3.3V
FC8731-06VF05NRR
SOT-25
1.8V
2.8V
FC8731-09VF05NRR
Tape & Reel
3Kpcs
SOT-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com