Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC8731 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC8731
Description  High-PSRR, Low-Noise, 300mA CMOS Linear Regulator with 3 Types of Output Select
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC8731 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC8731 Datasheet HTML 1Page - First Silicon Co., Ltd FC8731 Datasheet HTML 2Page - First Silicon Co., Ltd FC8731 Datasheet HTML 3Page - First Silicon Co., Ltd FC8731 Datasheet HTML 4Page - First Silicon Co., Ltd FC8731 Datasheet HTML 5Page - First Silicon Co., Ltd FC8731 Datasheet HTML 6Page - First Silicon Co., Ltd FC8731 Datasheet HTML 7Page - First Silicon Co., Ltd FC8731 Datasheet HTML 8Page - First Silicon Co., Ltd FC8731 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Pin Functions
Name
SOT-25
Function
IN
1
Supply Voltage Input.
Require a minimum input capacitor of close to 2.2µF to ensure stability and
sufficient decoupling from the ground pin.
GND
2
Ground Pin.
EN
3
Enable Input.
Enable the regulator by pulling the EN pin High. To keep the regulator on during
normal operation, connect the EN pin to VIN. The EN pin must not exceed VIN
under all operating conditions.
ADJ
4
Adjustable Control.
Connecting to GND to get output Voltage-A,
Connecting to VIN to get output Voltage-B,
Use external divider resistors to achieve desired output Voltage-C.
OUT
5
Output Voltage Feedback.
Functional Block Diagram
Fast
Start-up
Circuit
Current
Limit
Thermal
Protection
Error
Amp.
+
-
IN
EN
OUT
GND
Bandgap
Vout
select
ADJ
FIG.1. Functional Block Diagram of FC8731
FC8731
2018. 05. 03
3/11
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com