Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9054 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC9054
Description  0.8A Standalone Linear Li-lon Battery Charger with Thermal Regulation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9054 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FC9054 Datasheet HTML 1Page - First Silicon Co., Ltd FC9054 Datasheet HTML 2Page - First Silicon Co., Ltd FC9054 Datasheet HTML 3Page - First Silicon Co., Ltd FC9054 Datasheet HTML 4Page - First Silicon Co., Ltd FC9054 Datasheet HTML 5Page - First Silicon Co., Ltd FC9054 Datasheet HTML 6Page - First Silicon Co., Ltd FC9054 Datasheet HTML 7Page - First Silicon Co., Ltd FC9054 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Func�on Descrip�on
Precharge Current
The FC9054 is a linear charger circuit specially designed for
single cell lithium-ion ba�eries. When the FC9054 is
powered with a ba�ery connected, the IC first detects if the
cell voltage is ready for full charge current. If the cell voltage
is less than the prequal level (3V typ), the ba�ery is
precharged with a 55mA current un�l the cell reaches the
proper level. The full charging current, as set by PROG pin, is
then applied
Soft-Start
The FC9054 includes a soft-start function to control the rise rate
of the charging current rising from zero to the fast-charging
current level in constant current mode. During charger soft-start,
the FC9054 ramps up the voltage on PROG pin with constant
well-controlled slew rate. The charging current is proportional to
the PROG voltage. The soft-start time is 20us (typical), which is
independent of the fast-charging current level.
Charging Current Setting
The charge current is programmed by using a resistor from
the PROG pin to the ground. The ba�ery charge current is
1000 �mes the current out of the PROG pin. The ba�ery
charge current is calculated by the following equa�on:
ICHG=VPROG*1000/RPROG
Where VPROG is PROG regula�on voltage (nominal=1V). The
charging current set factor and the PROG regula�on voltage
are shown in the Electrical Characteris�cs. The PROG
regula�on voltage is reduced by thermal regula�on func�on.
Battery Full Indication
Current mode charging stopped when Ibat falls to 10% of the
current set by RPROG and the charger is in voltage mode. After
the FC9054 stopped current mode charging, it keeps operating in
voltage mode without turning off the charger. When the PROG
pin's voltage down to 100mv over 2ms, the charger will stop
operating and the Vcc current down to 55uA.
Charge Status Outputs
The open-drain CHRG outputs can be used to drive LED indicate
four charger operations are shown in Table 1.
Charge state
Red LED(CHRG)
charging
bright
Charge Termination
extinguish
Vin too low; Temperature of
battery too low or too high; no
battery
extinguish
BAT PIN Connect 10u
Capacitance; No battery
Extinguish
(T=1-4s)
Table 1.
Increase the heat regulating current
Reduce the voltage drop across the internal MOSFET can
significantly reduce the power consump�on of the IC.
During thermal regula�on, this has an increased current
supplied to the ba�ery. One strategy is accomplished by an
external element (e.g., a resistor or a diode) will be part of
the power consump�on.
Example: FC9054 is powered by a 5V AC adapter, it charge to
one with a 3.75V voltage lithium-ion ba�ery, and set the
full-scale charge current 800mA by programming. Assuming
θJA is 125 ℃/W, at 25 ℃ ambient temperature condi�ons,
the charging current is approximately:
IBAT
Increase the voltage across the resistor in series with a 5V
AC adapter(Figure 3), the on-chip power dissipa�on can be
reduced, thereby increasing the heat regula�ng current:
IBAT S BATRCC BAT JA
mA
FC9054
2019. 05. 13
6/8
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com