Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9054 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC9054
Description  0.8A Standalone Linear Li-lon Battery Charger with Thermal Regulation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9054 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC9054 Datasheet HTML 1Page - First Silicon Co., Ltd FC9054 Datasheet HTML 2Page - First Silicon Co., Ltd FC9054 Datasheet HTML 3Page - First Silicon Co., Ltd FC9054 Datasheet HTML 4Page - First Silicon Co., Ltd FC9054 Datasheet HTML 5Page - First Silicon Co., Ltd FC9054 Datasheet HTML 6Page - First Silicon Co., Ltd FC9054 Datasheet HTML 7Page - First Silicon Co., Ltd FC9054 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Configura�ons
Figure 2 Pin Configura�on of FC9054(Top View)
Pin Descrip�on
Pin Name
Pin Number
CHRG
1
When the ba�ery is being charged, the CHRG pin is pulled low by an internal switch,
otherwise CHRG pin is in high impedance state.
GND
2
GND
BAT
3
Connect the posi�ve terminal of the ba�ery to BAT pin. BAT pin draws less than 2uA
current in chip disable mode or in sleep mode. BAT pin provides charge current to the
ba�ery and provides regula�on voltage of 4.2V.
Vcc
4
VIN is the power supply to the internal circuit. When VIN drops to within 30mv of the
BAT pin voltage, FC9054 enters low power sleep mode, dropping BAT pin’s current to
less than 2uA
PROG
5
charge current is set by connec�ng a resistor RPROG from this pin to GND. When in
precharge mode, the PROG pin’s voltage is regulated to 0.1V. When in constant charge
current mode, the PROG pin’s voltage is regulated to 1V. In all modes during charging,
the voltage on PROG pin can be used to measure the charge current as follows:
IBAT=(VPROG/RPROG)*1000----(FC9054)
Ordering Informa�on
FC9054
Circuit Type
Packing:
Blank
:Tube
R: Tape and Reel
T : SOT-23-5
CHRG 1
GND 2
BAT 3
5 PROG
4 VCC
FC9054
2019. 05. 13
2/8
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com