Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VT3384L Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3VT3384L
Description  10-Bit, 2-Port, Low Voltage Translator Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VT3384L Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3VT3384L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VT3384L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VT3384L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VT3384L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VT3384L Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI3VT3384
10-Bit,2-Port,LowVoltage
TranslatorBusSwitch
2
PS8529
03/19/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Storage Temperature .................................................................................... –65°Cto+150°C
Ambient Temperature with Power Applied .................................................... –40°Cto+85°C
Supply Voltage to Ground Potential ................................................................ –0.5Vto+4.6V
DC Input Voltage ............................................................................................. –0.5Vto+5.5V
DC Output Current ....................................................................................................... 120mA
Power Dissipation ........................................................................................................... 0.5W
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
ti
n
U
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
H
G
I
H
ci
g
o
L
d
e
e
t
n
a
r
a
u
G8
.
1V C
C
V
3
.
0
+
V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
W
O
L
ci
g
o
L
d
e
e
t
n
a
r
a
u
G5
.
0
–8
.
0
I H
I
t
n
e
rr
u
C
H
G
I
H
t
u
p
n
IV C
C
V
,.
x
a
M
=
N
I
V
=
C
C
1
±
A
µ
I L
I
t
n
e
rr
u
C
W
O
L
t
u
p
n
IV C
C
V
,.
x
a
M
=
N
I
D
N
G
=1
±
I H
Z
O
t
n
e
rr
u
C
t
u
p
t
u
O
e
c
n
a
d
e
p
m
I
h
g
i
H0 ≤
B
,
A
≤ V C
C
1
±
R N
O
e
c
n
a
t
si
s
e
R
n
O
h
c
ti
w
S
V C
C
V
,.
n
i
M
=
N
I
I
,
V
0
.
0
=
N
O
A
m
8
=5
8
Ω
V C
C
V
,.
n
i
M
=
N
I
I
,
V
7
.
1
=
N
O
A
m
8
=0
12
2
V C
C
V
,
V
3
.
2
=
N
I
I
,
V
0
.
0
=
N
O
A
m
8
=6
9
V C
C
V
,
V
3
.
2
=
N
I
I
,
V
3
.
1
=
N
O
A
m
8
=5
20
3
VP
e
g
a
tl
o
V
s
s
a
P
V N
I
V
=
C
C
I
,
V
3
.
3
=
T
U
O
A
µ
5
–
=3
.
25
.
29
.
2
V
V N
I
V
=
C
C
I
,
V
5
.
2
=
T
U
O
A
µ
5
–
=8
.
1
DCElectricalCharacteristics (OverOperatingRange,TA=–40°Cto+85°C,VCC=3.3V±10%)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com