Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VT3384L Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3VT3384L
Description  10-Bit, 2-Port, Low Voltage Translator Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VT3384L Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3VT3384L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VT3384L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VT3384L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VT3384L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VT3384L Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8529
03/19/01
VCC
BEA
1
24
B9
B0
2
23
A9
A0
3
22
A8
A1
4
21
B8
B1
5
20
B7
B2
6
19
A7
A2
7
18
A6
A3
8
17
B6
B3
9
16
B5
B4
10
15
A5
A4
11
14
BEB
GND
12
13
e
m
a
N
n
i
Pn
o
it
p
i
r
c
s
e
D
B
E
B
,
A
E
B)
W
O
L
e
v
it
c
A
(
t
u
p
n
I
el
b
a
n
E
s
u
B
9
A
-
0
AA
s
u
B
9
A
-
0
BB
s
u
B
D
N
Gd
n
u
o
r
G
V C
C
r
e
w
o
P
BEB
A9
A5
B9
B5
A4
A0
B4
B0
BEA
ProductDescription
PericomSemiconductor’sPI3VTseriesof logiccircuitsareproduced
using the Company’s advanced submicron CMOS technology,
achieving industry leading performance.
ThePI3VT3384, is a 2.5Vor 3.3V 8-bit,2-portbusswitch,is designed
with a low ON resistance (5 ohms). The switches are turned ON or
enabled by the Bus Enable (BEn) input signal.
Given a 3.3V supply and an input voltage of 3.3V, the switch
translatestoanoutputvoltageof 2.5V.Similarly,whenoperatedwith
a 2.5V supply and given 2.5V inputs, the device translates the
outputs to 1.8V.
Logic Block Diagram
ProductPinDescription
ProductPinConfiguration
ProductFeatures
• Near zero propagation delay
• Low ON resistance switches connect inputs to outputs
• 2.5VSupplyVoltageOperation
• 2.5Vor1.8Vswitching
• Packagesavailable:
–24-pin,150milwideplasticQSOP(Q)
–24-pin,173milwideplasticTSSOP(L)
Applications
• 3.3V to 2.5V level shifting (voltage translation)
• 2.5V to 1.8V level shifting (voltage translation)
20-Pin
L,Q
PI3VT3384
10-Bit, 2-Port, Low Voltage
Translator Bus Switch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
n
o
it
c
n
u
FA
E
BB
E
B4
B
-
0
B9
B
–
5
B
t
c
e
n
n
o
c
si
DH
H
Z
-i
HZ
-i
H
t
c
e
n
n
o
CL
H
4
A
-
0
AZ
-i
H
t
c
e
n
n
o
CH
L
Z
-i
H9
A
-
5
A
t
c
e
n
n
o
CL
L
4
A
-
0
A9
A
-
5
A
TruthTable(1)
Notes:
1. H = High Voltage Level; X = Low Voltage Level
L = Low Voltage Level; Hi-Z = High Impedance


Similar Part No. - PI3VT3384L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VT3306 PERICOM-PI3VT3306 Datasheet
359Kb / 4P
2-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3306L PERICOM-PI3VT3306L Datasheet
359Kb / 4P
2-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3306UX PERICOM-PI3VT3306UX Datasheet
359Kb / 4P
2-Bit, 2-Port, Low Voltage Translator Bus Switch
More results

Similar Description - PI3VT3384L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VT3245 PERICOM-PI3VT3245 Datasheet
311Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
PI3VT3306 PERICOM-PI3VT3306 Datasheet
359Kb / 4P
2-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT34X245 PERICOM-PI3VT34X245 Datasheet
262Kb / 4P
32-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT32X245 PERICOM-PI3VT32X245 Datasheet
327Kb / 4P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Potato Semiconductor Co...
PO3VT3245A POTATO-PO3VT3245A Datasheet
543Kb / 6P
Hot Insertion 8-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3305A POTATO-PO3VT3305A Datasheet
571Kb / 6P
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3306A POTATO-PO3VT3306A Datasheet
570Kb / 6P
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Pericom Semiconductor C...
PI5C3384S PERICOM-PI5C3384S Datasheet
466Kb / 6P
10-Bit, 2-Port Bus Switch
PI3VT32X245-A PERICOM-PI3VT32X245-A Datasheet
708Kb / 5P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com