Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE06008MR-LW150-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # ASE06008MR-LW150-R
Description  60 x 30mm speaker with 150mm lead wires for instant integration
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

ASE06008MR-LW150-R Datasheet(HTML) 1 Page - PUI audio inc.

  ASE06008MR-LW150-R Datasheet HTML 1Page - PUI audio inc. ASE06008MR-LW150-R Datasheet HTML 2Page - PUI audio inc. ASE06008MR-LW150-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 4/15.
ASE06008MR-LW150-R
60mm Enclosed Speaker
Product Overview 
• 60 x 30mm speaker with 150mm lead wires for instant integra on
• 3W con nuous, 4 maximum power handling and 8Ω impedance
• Rugged ABS enclosure designed for op mum sound
Frequency Response (1W @ 0.5 meters)
3541 Stop Eight Road • Dayton, Ohio 45414


Similar Part No. - ASE06008MR-LW150-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
ASE06008MR-LW150-R PUI-ASE06008MR-LW150-R Datasheet
264Kb / 1P
RELEASED FROM ENGINEERING
More results

Similar Description - ASE06008MR-LW150-R

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA60 ORIONFANS-OA60 Datasheet
88Kb / 1P
60 x 30mm (2.36??x 1.18??
logo
Ensign Corporation
IL002 ENSIGN-IL002 Datasheet
481Kb / 2P
Admiral Class - Lead Wires
IL025 ENSIGN-IL025 Datasheet
614Kb / 3P
Admiral Class - Lead Wires
logo
TDK Electronics
B88069X0410T502 TDK-B88069X0410T502 Datasheet
93Kb / 5P
SSG with lead wires
B88069X0680T502 TDK-B88069X0680T502 Datasheet
69Kb / 4P
SSG with lead wires
logo
ORION FANS
OA60 ORIONFANS-OA60_16 Datasheet
387Kb / 1P
AC Fan - 115V, 230V 60 x 30mm (2.36??x 1.18??
logo
Taoglas antenna solutio...
CBD02.07.0100C TAOGLAS-CBD02.07.0100C Datasheet
6Mb / 20P
Flexible for easy integration
logo
PUI audio inc.
ASE02008MR-LW150-R PUIAUDIO-ASE02008MR-LW150-R Datasheet
615Kb / 3P
20mm square speaker with 150mm lead wires for instant integration
ASE02808MR-LW150-R PUIAUDIO-ASE02808MR-LW150-R Datasheet
875Kb / 3P
28mm square speaker with 150mm lead wires for instant integration
AST-03032MR-R PUIAUDIO-AST-03032MR-R Datasheet
483Kb / 3P
30mm diameter speaker with Neodymium magnet for 81 dB sensitivity
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com