Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF441CD Datasheet(PDF) 2 Page - ON Semiconductor

Part # LF441CD
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF441CD Datasheet(HTML) 2 Page - ON Semiconductor

  LF441CD Datasheet HTML 1Page - ON Semiconductor LF441CD Datasheet HTML 2Page - ON Semiconductor LF441CD Datasheet HTML 3Page - ON Semiconductor LF441CD Datasheet HTML 4Page - ON Semiconductor LF441CD Datasheet HTML 5Page - ON Semiconductor LF441CD Datasheet HTML 6Page - ON Semiconductor LF441CD Datasheet HTML 7Page - ON Semiconductor LF441CD Datasheet HTML 8Page - ON Semiconductor LF441CD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LF441C LF442C LF444C
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (from VCC to VEE)
VS
+36
V
Input Differential Voltage Range (Note 1)
VIDR
±30
V
Input Voltage Range (Notes 1 and 2)
VIR
±15
V
Output Short Circuit Duration (Note 3)
tSC
Indefinite
sec
Operating Junction Temperature (Note 3)
TJ
+150
°C
Storage Temperature Range
Tstg
–60 to +150
°C
NOTES: 1. Differential voltages are at the noninverting input terminal with respect to the inverting
input terminal.
2. The magnitude of the input voltage must never exceed the magnitude of the supply
or 15 V, whichever is less.
3. Power dissipation must be considered to ensure maximum junction temperature (TJ)
is not exceeded (see Figure 1).
DC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = 0° to 70°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS = 10 kΩ, VO = 0 V)
VIO
mV
Single: TA = +25°C
–
3.0
5.0
TA = 0° to +70°C
–
–
7.5
Dual:
TA = +25°C
–
3.0
5.0
TA = 0° to +70°C
–
–
7.5
Quad:
TA = +25°C
–
3.0
10
TA = 0° to +70°C
–
–
12
Average Temperature Coefficient of Offset Voltage
∆VIO/∆T
–
10
–
µV/°C
(RS = 10 kΩ, VO = 0 V)
Input Offset Current (VCM = 0 V, VO = 0 V)
IIO
TA = +25°C
–
0.5
50
pA
TA = 0° to +70°C
–
–
1.5
nA
Input Bias Current (VCM = 0 V, VO = 0 V)
IIB
TA = +25°C
–
3.0
100
pA
TA = 0° to +70°C
–
–
3.0
nA
Common Mode Input Voltage Range (TA = +25°C)
VICR
–
–11
+14.5
–12
+11
–
V
Large Signal Voltage Gain (VO = ±10 V, RL = 10 kΩ)
AVOL
V/mV
TA = +25°C
25
60
–
TA = 0° to +70°C
15
–
–
Output Voltage Swing (RL = 10 kΩ)
VO +
VO –
+12
–
+14
–14
–
–12
V
Common Mode Rejection (RS ≤ 10 kΩ, VCM = VICR, VO = 0 V)
CMR
70
86
–
dB
Power Supply Rejection (RS = 100 Ω, VCM = 0 V, VO = 0 V)
PSR
70
84
–
dB
Power Supply Current (No Load, VO = 0 V)
ID
µA
Single
–
200
250
Dual
–
400
500
Quad
–
800
1000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com