Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF441CD Datasheet(PDF) 5 Page - ON Semiconductor

Part # LF441CD
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF441CD Datasheet(HTML) 5 Page - ON Semiconductor

  LF441CD Datasheet HTML 1Page - ON Semiconductor LF441CD Datasheet HTML 2Page - ON Semiconductor LF441CD Datasheet HTML 3Page - ON Semiconductor LF441CD Datasheet HTML 4Page - ON Semiconductor LF441CD Datasheet HTML 5Page - ON Semiconductor LF441CD Datasheet HTML 6Page - ON Semiconductor LF441CD Datasheet HTML 7Page - ON Semiconductor LF441CD Datasheet HTML 8Page - ON Semiconductor LF441CD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LF441C LF442C LF444C
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 11. Normalized Gain Bandwidth
Product versus Temperature
Figure 12. Open Loop Voltage Gain and
Phase versus Frequency
TA, AMBIENT TEMPERATURE (°C)
f, FREQUENCY (MHz)
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 100 pF
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
20
10
0
–10
–20
0.1
1.0
10
90
135
180
225
270
–75
–50
–25
0
25
50
75
100
125
Phase
Gain
Figure 13. Slew Rate versus Temperature
Figure 14. Total Output Distortion
versus Frequency
Figure 15. Output Voltage Swing
versus Frequency
Figure 16. Open Loop Voltage
Gain versus Frequency
TA, AMBIENT TEMPERATURE (°C)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
8.0
7.0
6.0
5.0
4.0
–75
–50
–25
0
25
50
75
100
125
30
20
10
0
1.0 k
10 k
100 k
1.0 M
100
80
60
40
20
0
0.1
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
2.5
2.0
1.5
1.0
0.5
0
10
100
1.0 k
10 k
100 k
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
AV = +1.0
VCC = +15 V
VEE = –15 V
TA = 25°C
AV = 10
AV = 100
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
TA = 25°C
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
AV = +1.0
1% THD
TA = 25°C
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com