Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5887 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5887
Description  High-Current Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5887 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5887 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5887 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5887 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5887 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5887 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2098 / 2SC5887
No.7495-3/5
1.0
23
5 7 10
0.1
23
5 7
0.01
23
5 7
23
--1.0
23
5 7 --10
--0.1
23
5 7
--0.01
23
5 7
23
1.0
23
5 7 10
0.1
23
5 7
0.01
23
5 7
23
--1.0
23
5 7 --10
--0.1
23
5 7
--0.01
23
5 7
23
0.01
2
0.1
2
3
5
7
1.0
3
5
7
--0.01
2
--0.1
2
3
5
7
--1.0
3
5
7
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
IT06121
IT06122
0.1
2
1.0
2
3
5
7
10
3
5
7
--0.1
2
--1.0
2
3
5
7
--10
3
5
7
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
IT06123
IT06135
2SA2098
IC / IB=50
2SA2098
IC / IB=20
2SC5887
IC / IB=20
2SC5887
IC / IB=50
Ta=75
°C
--25
°C
Ta= --25°C
75°C
25
°C
Ta=75
°C
--25
°C
Ta= --25°C
75°C
25
°C
3
5
7
--0.01
2
3
5
7
--0.1
2
3
5
7
--1.0
1.0
23
5 7 10
0.1
23
5 7
0.01
23
5 7
23
--1.0
23
5 7 --10
--0.1
23
5 7
--0.01
23
5 7
23
--1.0
23
5 7 --10
--0.1
23
5 7
--0.01
23
5 7
23
3
5
7
0.01
2
3
5
7
0.1
2
3
5
7
1.0
1.0
23
5 7 10
0.1
23
5 7
0.01
23
5 7
23
5
100
2
3
5
7
1000
7
5
100
2
3
5
7
1000
7
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
IT06117
IT06118
VCE(sat) -- IC
VCE(sat) -- IC
IT06119
IT06120
2SA2098
VCE= --2V
2SC5887
VCE=2V
2SA2098
IC / IB=20
2SC5887
IC / IB=20
Ta=75
°C
25
°C
--25
°C
Ta=75
°C
--25
°C
Ta=75
°C
--25
°C
25
°C
Ta=75
°C
--25
°C
25
°C
25
°C
Collector Current, IC -- A
Collector Current, IC -- A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com