Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5887 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5887
Description  High-Current Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5887 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5887 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5887 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5887 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5887 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5887 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA2098 / 2SC5887
No.7495-4/5
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
120
140
160
10
23
5
7 100
1.0
23
5
7
0.1
23
5
7
0.01
2
0.1
7
5
3
1.0
7
5
3
2
10
7
5
3
2
100
7
5
3
2
PC -- Tc
Case Temperature, Tc --
°C
IT06142
Forward Bias A S O
Collector-to-Emitter Voltage, VCE -- V
PC -- Ta
Ambient Temperature, Ta --
°C
IT06140
IT06141
2SA2098 / 2SC5887
2SA2098 / 2SC5887
No
heat
sink
2SA2098 / 2SC5887
IC=15A
ICP=20A
≤10µs
100ms
500
µs
10ms 1ms
Tc=25
°C
Single pulse
For PNP, minus sign is omitted.
10
23
5
7 100
1.0
23
5
7
0.1
23
5
7
1.0
23
5
7 10
0.1
23
5
7
0.01
23
5
7
--10
23
5
7 --100
--1.0
23
5
7
--0.1
23
5
7
--1.0
23
5
7 --10
--0.1
23
5
7
--0.01
23
5
7
f T -- IC
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
IT06138
IT06139
3
5
100
2
3
5
7
1000
7
10
2
100
2
3
5
7
1000
3
5
7
5
100
2
3
5
7
1000
7
10
2
100
2
3
5
7
1000
3
5
7
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
IT06136
IT06137
2SA2098
f=1MHz
2SC5887
f=1MHz
2SA2098
VCE= --10V
2SC5887
VCE=10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com