Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-1740-TT-3-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AT-1740-TT-3-R
Description  17mm diameter piezoelectric transducer with ultra-low 1 mA current draw
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AT-1740-TT-3-R Datasheet(HTML) 1 Page - PUI audio inc.

  AT-1740-TT-3-R Datasheet HTML 1Page - PUI audio inc. AT-1740-TT-3-R Datasheet HTML 2Page - PUI audio inc. AT-1740-TT-3-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 12/15.
AT-1740-TT-3-R
17mm Transducer
Product Overview

s
,
DWWK

Frequency Response (3 Vp-p @ 0.1 meters)
3541 Stop Eight Road • Dayton, Ohio 45414
3541 Stop Eight Road • Dayton, Ohio 45414


Similar Part No. - AT-1740-TT-3-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AT-1740-TT-3-R PUI-AT-1740-TT-3-R Datasheet
171Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
More results

Similar Description - AT-1740-TT-3-R

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
ZUS040CA001 THINKING-ZUS040CA001 Datasheet
301Kb / 4P
Piezoelectric Ultrasonic Transducer Sensor
ZUT45282S THINKING-ZUT45282S Datasheet
67Kb / 2P
Piezoelectric Ultrasonic Transducer
logo
ON Semiconductor
NCP4684EMX33TCG ONSEMI-NCP4684EMX33TCG Datasheet
336Kb / 18P
150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
logo
IXYS Corporation
CPC5608 IXYS-CPC5608 Datasheet
98Kb / 4P
Extremely Low Static Current Draw
logo
PUI audio inc.
AT-1438-TWT-R PUIAUDIO-AT-1438-TWT-R Datasheet
974Kb / 3P
14mm diameter transducer with 1 mA current draw
SMI-1027-TW-12V-R PUIAUDIO-SMI-1027-TW-12V-R Datasheet
513Kb / 5P
7 to 15 VDC voltage range with low 30 mA current draw
logo
Mallory Sonalert Produc...
ZA028MAPS1 MSPI-ZA028MAPS1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASP1 MSPI-ZA028MASP1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASU2 MSPI-ZA028MASU2 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MDMP1 MSPI-ZA028MDMP1 Datasheet
131Kb / 1P
Current Draw 40mA MAX
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com