Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2903189 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2903189
Description  Solid-state relays - ST-OV3-110DC/220DC/1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2903189 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2903189 Datasheet HTML 1Page - PHOENIX CONTACT 2903189 Datasheet HTML 2Page - PHOENIX CONTACT 2903189 Datasheet HTML 3Page - PHOENIX CONTACT 2903189 Datasheet HTML 4Page - PHOENIX CONTACT 2903189 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/2903189
10/24/2014   Page 1 / 5
Solid-state relays - ST-OV3-110DC/220DC/1 - 2903189
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 110 V DC,
output: 15 - 220 V DC/max. 1 A, can be plugged into basic terminal blocks
The illustration shows version ST-OV
3- 5 DC/220 DC/1
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
56.95 GRM
Custom tariff number
85364900
Country of origin
Germany
Technical data
Dimensions
Width
20.8 mm
Height
33 mm
Depth
66.5 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Input data
Nominal input voltage UN
110 V DC ±10 %
Switching threshold "0" signal, voltage
≤ 7 V
Switching threshold "1" signal voltage
≥ 19 V
Typical input current at UN
6 mA
Typical response time
25 µs
Typical turn-off time
1 ms


Similar Part No. - 2903189

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2903182 PHOENIX-2903182 Datasheet
57Kb / 3P
Weather protection tape - RAD-TAPE-SV-19-3
09/12/2020
More results

Similar Description - 2903189

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2903024 PHOENIX-2903024 Datasheet
95Kb / 5P
Solid-state relays - ST-OV3-110DC/ 60DC/3
2903066 PHOENIX-2903066 Datasheet
91Kb / 5P
Solid-state relays - ST-OV3-110DC/240AC/3
2903105 PHOENIX-2903105 Datasheet
91Kb / 5P
Solid-state relays - ST-OV3-220DC/240AC/3
2903163 PHOENIX-2903163 Datasheet
103Kb / 5P
Solid-state relays - ST-OV3-120AC/220DC/1
2903192 PHOENIX-2903192 Datasheet
140Kb / 4P
ST-OV3- 60DC/220DC/1
2903202 PHOENIX-2903202 Datasheet
103Kb / 5P
Solid-state relays - ST-OV3- 24DC/220DC/1
2903286 PHOENIX-2903286 Datasheet
95Kb / 5P
Solid-state relays - ST-OV3-220DC/ 60DC/3
2903312 PHOENIX-2903312 Datasheet
103Kb / 5P
Solid-state relays - ST-OV3- 5DC/220DC/1
2905064 PHOENIX-2905064 Datasheet
95Kb / 5P
Solid-state relays - ST-OV2-220DC/ 60DC/1
2905190 PHOENIX-2905190 Datasheet
90Kb / 5P
Solid-state relays - ST-OV3- 24DC/ 24DC/2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com