Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2903189 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2903189
Description  Solid-state relays - ST-OV3-110DC/220DC/1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2903189 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2903189 Datasheet HTML 1Page - PHOENIX CONTACT 2903189 Datasheet HTML 2Page - PHOENIX CONTACT 2903189 Datasheet HTML 3Page - PHOENIX CONTACT 2903189 Datasheet HTML 4Page - PHOENIX CONTACT 2903189 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/2903189
10/24/2014   Page 2 / 5
Solid-state relays - ST-OV3-110DC/220DC/1 - 2903189
Technical data
Input data
Transmission frequency
100 Hz
Output data
Output voltage range
15 V DC ... 220 V DC
Limiting continuous current
1 A (see derating curve)
Surge current
2 A (t = 1 s)
Peak offstate voltage
220 V DC (Collector-emitter reverse voltage)
Voltage drop at max. limiting continuous current
1.2 V
Output circuit
2-wire, floating
Type of protection
Protection against polarity reversal
Surge protection
Protective circuit/component
Polarity protection diode
General
Test voltage input/output
2.5 kV AC
Mounting position
any
Standards/regulations
DIN VDE 0110
Classifications
eCl@ss
eCl@ss 4.0
27371102
eCl@ss 4.1
27371102
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371001
ETIM
ETIM 2.0
EC001504
ETIM 3.0
EC001504
ETIM 4.0
EC001504
ETIM 5.0
EC001504
UNSPSC
UNSPSC 6.01
30211916
UNSPSC 7.0901
39121542
UNSPSC 11
39121542



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com