Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POM-5038P-C3310-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # POM-5038P-C3310-R
Description  Circular polar pattern to capture all sounds equally well regardless of placement
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

POM-5038P-C3310-R Datasheet(HTML) 3 Page - PUI audio inc.

  POM-5038P-C3310-R Datasheet HTML 1Page - PUI audio inc. POM-5038P-C3310-R Datasheet HTML 2Page - PUI audio inc. POM-5038P-C3310-R Datasheet HTML 3Page - PUI audio inc. POM-5038P-C3310-R Datasheet HTML 4Page - PUI audio inc. POM-5038P-C3310-R Datasheet HTML 5Page - PUI audio inc. POM-5038P-C3310-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission 
of PUI Audio Inc. is prohibited. 
©2019, PUI Audio Inc. 
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414 
Tel: (937) 415‐5901 Fax: (937) 415‐5925 
 
ReliabilityTesting
TypeofTest
TestSpecifications
HighTemperatureTest
200hoursat+60°C±3°Cfollowedbytwohours
innormalroomtemperature
LowTemperatureTest
200hoursat‐20°C±3°Cfollowedbytwohours
innormalroomtemperature
HumidityTest
200hoursat+40°C±3°Cwithrelativehumidity
at90%to95%followedby2hoursinnormal
roomtemperature
TemperatureCycleTesting
30minutesat‐25°C,10minutesat20°C,30
minutesat+70°C, 10 minutes at 20°C for five
cycles, followed by 2 hours in normal room
temperature
VibrationTest
10to55Hzfor1minutewith1.52mmdistance,
followedbyatwo‐hour3axistestinpackaging
DropTest
Dropmicrophonesinpackagingontoconcrete
floorfrom1‐meterheightineachof3‐axis
ESDTest(accordingtoIEC6100)
1. Contactdischarge‐Discharge6000VDC
fromcapacitorintomicrophoneoutput
through330Ωresistortentimes.
2. Airdischarge‐Discharge8000VDCinto
soundholeofthemicrophonetentimes.
Aftereachtest,thespeaker’sSPLshallbe±3dBoftheoriginalSPL
Dimensions
RecommendedDriveCircuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com