Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POM-5038P-C3310-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # POM-5038P-C3310-R
Description  Circular polar pattern to capture all sounds equally well regardless of placement
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

POM-5038P-C3310-R Datasheet(HTML) 1 Page - PUI audio inc.

  POM-5038P-C3310-R Datasheet HTML 1Page - PUI audio inc. POM-5038P-C3310-R Datasheet HTML 2Page - PUI audio inc. POM-5038P-C3310-R Datasheet HTML 3Page - PUI audio inc. POM-5038P-C3310-R Datasheet HTML 4Page - PUI audio inc. POM-5038P-C3310-R Datasheet HTML 5Page - PUI audio inc. POM-5038P-C3310-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission 
of PUI Audio Inc. is prohibited. 
©2019, PUI Audio Inc. 
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414 
Tel: (937) 415‐5901 Fax: (937) 415‐5925 
 
 
 
DataSheetPOM‐5038P‐C3310‐R
PUIAudio’somnidirectionalelectretcondensermicrophones(ECMs)capture
soundfromalldirectionswitha360°polarpattern.
Excellentforconferencephonerecording,thesemicrophonesarebestsuitedfor
applicationswherethedirectionalityoftheacousticsource,withrelationtothe
microphone,maybeunknownorwhenplacedcentrallyamongmultipleacoustic
sources.
 
Features: 
•
6mmdiameter
•
5mmheight
•
‐38dBsensitivity@50cm
•
>62dBsignal‐to‐noiseratio
•
Circularpolarpatterntocaptureallsoundsequallywellregardlessofplacement
•
Integrated33pFand10pFbuzz‐blockingcapacitorsreduceGSMnoise
Specifications
Parameters
Values
Units
Sensitivity(1kHz@50cm)
0dB=1V/Pa
‐38±3
dB
RatedVoltage
2
VDC
OutputImpedance(@1kHz)
2.2
kΩ
Currentconsumption
(3VSwith2.2kΩRL)
500
µA
Signal‐to‐NoiseRatio
(1kHz,94dBinput,A‐weighted)
>62
dB
DecreasingVoltage(2VSto1.5VS)
‐3
dB
FrequencyRange(@50cm,‐10dB)
20~20,000
Hz
OperatingVoltageRange
1~10
VDC
MaximumSPLInput(THD<3%)
110
dB
Directivity
Omnidirectional
‐
OperatingTemperature
‐20~+60
°C
StorageTemperature
‐40~+70
°C
Weight
<0.3
Grams


Similar Part No. - POM-5038P-C3310-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
POM-5038L-C3310-R PUIAUDIO-POM-5038L-C3310-R Datasheet
522Kb / 5P
Circular polar pattern to capture all sounds equally well regardless of placement
More results

Similar Description - POM-5038P-C3310-R

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LL36 AVAGO-ALMD-LL36 Datasheet
1Mb / 14P
Well-defined spatial radiation pattern
ALMD-LG37 AVAGO-ALMD-LG37 Datasheet
710Kb / 12P
Well defined spatial radiation pattern
HLMP-AG74 AVAGO-HLMP-AG74 Datasheet
214Kb / 11P
Well defi ned spatial radiation pattern
HLMP-HG74 AVAGO-HLMP-HG74 Datasheet
985Kb / 15P
Well defined spatial radiation pattern
logo
STMicroelectronics
SPC563M64AVB144 STMICROELECTRONICS-SPC563M64AVB144 Datasheet
61Kb / 6P
Allows system calibration regardless of availability of standard MCU external bus
13-Sep-2013
logo
PUI audio inc.
POM-5038L-C3310-R PUIAUDIO-POM-5038L-C3310-R Datasheet
522Kb / 5P
Circular polar pattern to capture all sounds equally well regardless of placement
POM-5042P-C3310-R PUIAUDIO-POM-5042P-C3310-R Datasheet
500Kb / 5P
Circular polar pattern to capture all sounds equally well regardless of placement
POM-5046P-C3310-R PUIAUDIO-POM-5046P-C3310-R Datasheet
499Kb / 5P
Circular polar pattern to capture all sounds equally well regardless of placement
logo
MOSDESIGN SEMICONDUCTOR...
M09 MOSDESIGN-M09 Datasheet
102Kb / 2P
8 SOUNDS 9 KEYS
2012-04-09
logo
List of Unclassifed Man...
LC9806 ETC-LC9806 Datasheet
165Kb / 2P
1/6 SIrene sounds
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com