Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317LD Datasheet(PDF) 7 Page - ON Semiconductor

Part # LM317LD
Description  LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LD Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LM317LD Datasheet HTML 3Page - ON Semiconductor LM317LD Datasheet HTML 4Page - ON Semiconductor LM317LD Datasheet HTML 5Page - ON Semiconductor LM317LD Datasheet HTML 6Page - ON Semiconductor LM317LD Datasheet HTML 7Page - ON Semiconductor LM317LD Datasheet HTML 8Page - ON Semiconductor LM317LD Datasheet HTML 9Page - ON Semiconductor LM317LD Datasheet HTML 10Page - ON Semiconductor LM317LD Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LM317L
7
MOTOROLA ANALOG IC DEVICE DATA
APPLICATIONS INFORMATION
Basic Circuit Operation
The LM317L is a 3–terminal floating regulator. In
operation, the LM317L develops and maintains a nominal
1.25 V reference (Vref) between its output and adjustment
terminals. This reference voltage is converted to a
programming current (IPROG) by R1 (see Figure 13), and this
constant current flows through R2 to ground. The regulated
output voltage is given by:
Vout = Vref (1 +
) + IAdj R2
R2
R1
Since the current from the adjustment terminal (IAdj)
represents an error term in the equation, the LM317L was
designed to control IAdj to less than 100 µA and keep it
constant. To do this, all quiescent operating current is
returned to the output terminal. This imposes the requirement
for a minimum load current. If the load current is less than this
minimum, the output voltage will rise.
Since the LM317L is a floating regulator, it is only the
voltage differential across the circuit which is important to
performance, and operation at high voltages with respect to
ground is possible.
+
Vref
Adjust
Vin
Vout
LM317L
R1
IPROG
Vout
R2
IAdj
Vref = 1.25 V Typical
Figure 17. Basic Circuit Configuration
Load Regulation
The LM317L is capable of providing extremely good load
regulation, but a few precautions are needed to obtain
maximum performance. For best performance, the
programming resistor (R1) should be connected as close to
the regulator as possible to minimize line drops which
effectively appear in series with the reference, thereby
degrading regulation. The ground end of R2 can be returned
near the load ground to provide remote ground sensing and
improve load regulation.
External Capacitors
A 0.1
µF disc or 1.0 µF tantalum input bypass capacitor
(Cin) is recommended to reduce the sensitivity to input line
impedance.
The adjustment terminal may be bypassed to ground to
improve ripple rejection. This capacitor (CAdj) prevents ripple
from being amplified as the output voltage is increased. A
10
µF capacitor should improve ripple rejection about 15 dB
at 120 Hz in a 10 V application.
Although the LM317L is stable with no output capacitance,
like any feedback circuit, certain values of external
capacitance can cause excessive ringing. An output
capacitance (CO) in the form of a 1.0 µF tantalum or 25 µF
aluminum electrolytic capacitor on the output swamps this
effect and insures stability.
Protection Diodes
When external capacitors are used with any IC regulator it
is sometimes necessary to add protection diodes to prevent
the capacitors from discharging through low current points
into the regulator.
Figure 14 shows the LM317L with the recommended
protection diodes for output voltages in excess of 25 V or high
capacitance values (CO > 10 µF, CAdj > 5.0 µF). Diode D1
prevents CO from discharging thru the IC during an input
short circuit. Diode D2 protects against capacitor CAdj
discharging through the IC during an output short circuit. The
combination of diodes D1 and D2 prevents CAdj from
discharging through the IC during an input short circuit.
D1
Vin
Cin
1N4002
LM317L
Vout
R1
+
CO
D2
R2
CAdj
1N4002
Adjust
Figure 18. Voltage Regulator with
Protection Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com