Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317LD Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM317LD
Description  LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LD Datasheet(HTML) 5 Page - ON Semiconductor

  LM317LD Datasheet HTML 1Page - ON Semiconductor LM317LD Datasheet HTML 2Page - ON Semiconductor LM317LD Datasheet HTML 3Page - ON Semiconductor LM317LD Datasheet HTML 4Page - ON Semiconductor LM317LD Datasheet HTML 5Page - ON Semiconductor LM317LD Datasheet HTML 6Page - ON Semiconductor LM317LD Datasheet HTML 7Page - ON Semiconductor LM317LD Datasheet HTML 8Page - ON Semiconductor LM317LD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LM317L
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 5. Load Regulation
Figure 6. Ripple Rejection
Figure 7. Current Limit
Figure 8. Dropout Voltage
Figure 9. Minimum Operating Current
Figure 10. Ripple Rejection versus Frequency
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Vin = 45 V
Vout = 5.0 V
IL = 5.0 mA to 40 mA
Vin = 10 V
Vout = 5.0 V
IL = 5.0 mA to 100 mA
80
70
60
50
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
IL = 40 mA
f = 120 Hz
Vout = 10 V
Vin = 14 V to 24 V
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
2.5
2.0
1.5
1.0
0.5
IL = 5.0 mA
IL = 100 mA
0.50
0.40
0.30
0.20
0.10
0
0
1020304050
Vin–Vout, INPUT–OUTPUT VOLTAGE DIFFERENTIAL (V)
TJ = 25°C
TJ = 150°C
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
010
20
30
40
Vin–Vout, INPUT–OUTPUT VOLTAGE DIFFERENTIAL (V)
TJ = 55°C
TJ = 25°C
TJ = 150°C
100
90
80
70
60
50
40
30
20
10
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
IL = 40 mA
Vin = 5.0 V ± 1.0 VPP
Vout = 1.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com