Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7106 Datasheet(PDF) 11 Page - Unisonic Technologies

Part # 7106
Description  3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106 Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button 7106 Datasheet HTML 7Page - Unisonic Technologies 7106 Datasheet HTML 8Page - Unisonic Technologies 7106 Datasheet HTML 9Page - Unisonic Technologies 7106 Datasheet HTML 10Page - Unisonic Technologies 7106 Datasheet HTML 11Page - Unisonic Technologies 7106 Datasheet HTML 12Page - Unisonic Technologies 7106 Datasheet HTML 13Page - Unisonic Technologies 7106 Datasheet HTML 14Page - Unisonic Technologies 7106 Datasheet HTML 15Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
UTC7106
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
11
QW-R502-018,B
transducer is 0.662V. Instead of dividing the input down to 200mV, the designer should use the input voltage directly
and select VREF=0.341V. Suitable values for integrating resistor and capacitor would be 120kΩ and 0.22μF. This
makes the system slightly quieter and also avoids a divider network on the input.
TYPICAL APPICATIONS
The UTC 7106 may be used in a wide variety of configurations. The circuits which follow show some of the
possibilities, and serve to illustrate the exceptional versatility of these A/D converters.
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
BP
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
TO PIN 1
91kΩ
100pF
0.1μF
0. 01μF
0. 47μF
1kΩ
22kΩ
1MΩ
47kΩ
0. 22μF
SET VREF
=100mV
9V
IN
+
-
+
-
TO DISPLAY
TO BACKPLANE
Values shown are for 200mV full scale,3 readings/sec.,floating
supply voltage(9V battery).
FIGURE 7. USING THE INTERNAL REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com