Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7106 Datasheet(PDF) 13 Page - Unisonic Technologies

Part # 7106
Description  3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106 Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button 7106 Datasheet HTML 7Page - Unisonic Technologies 7106 Datasheet HTML 8Page - Unisonic Technologies 7106 Datasheet HTML 9Page - Unisonic Technologies 7106 Datasheet HTML 10Page - Unisonic Technologies 7106 Datasheet HTML 11Page - Unisonic Technologies 7106 Datasheet HTML 12Page - Unisonic Technologies 7106 Datasheet HTML 13Page - Unisonic Technologies 7106 Datasheet HTML 14Page - Unisonic Technologies 7106 Datasheet HTML 15Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
UTC7106
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
13
QW-R502-018,B
TYPICAL APPLICATIONS (Continued)
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
BP
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
TO PIN 1
91kΩ
100pF
0.1μF
0. 47μF
100kΩ 1MΩ
47kΩ
0. 22μF
SCALE
FACTOR
ADJUST
9V
TO DISPLAY
A sillicon diode-connected transistor has a temperature coefficient of about -2mV/
℃
.
Calibration is achieved by placing the sensing transistor in ice water and adjusting the
zeroing potentiometer for a 000.0 reading.The sensor should then be placed in boiling
water and the scale-factor potentiometer adjusted for a 100.0 reading
FIGURE 9. USED AS A DIGITAL CENTIGRADE THERMOMETER
0.01μF
100kΩ 220kΩ
22kΩ
ZERO
ADJUST
SILICON NPN
MPS 3704 OR
SIMILAR
TO BACKPLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com