Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-1341-T-2-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # SMT-1341-T-2-R
Description  Top-firing piezo-electric transducer designed for 1 to 25 Vp-p
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

SMT-1341-T-2-R Datasheet(HTML) 3 Page - PUI audio inc.

  SMT-1341-T-2-R Datasheet HTML 1Page - PUI audio inc. SMT-1341-T-2-R Datasheet HTML 2Page - PUI audio inc. SMT-1341-T-2-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Transducer (Piezo)
SMT-1341-T-2-R
J.D.
M.L.
B.R.
6/16/2011
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
6/16/2011
Date
6/28/2011
Date
6/28/2011
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
SMT-1341-T-2-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
6/16/2011
SPECIFICATIONS
PARAMETERS
VALUES
UNIT
RATED VOLTAGE
5
Vp-p
OPERATING VOLTAGE RANGE
1 ~ 25
Vp-p
RATED CURRENT (MAX)
5
mA
CAPACITANCE
16,000 ± 30%
pF
MINIMUM SPL @ 10 CM
75
dBA
RESONANT FREQUENCY
4,100 ± 500
Hz
OPERATING TEMPERATURE
-40 ~ +105
°C
STORAGE TEMPERATURE
-40 ~ +105
°C
HOUSING MATERIAL
LCP
-
TERMINAL MATERIAL
Sn PLATED BRASS
-
WEIGHT
1
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
PUI
SMT-1341
-T-2-R
13
0.2
13
0.2
2.5
0.2
16.8
0.2
2.2 (2)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com