Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-1341-T-2-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # SMT-1341-T-2-R
Description  Top-firing piezo-electric transducer designed for 1 to 25 Vp-p
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

SMT-1341-T-2-R Datasheet(HTML) 2 Page - PUI audio inc.

  SMT-1341-T-2-R Datasheet HTML 1Page - PUI audio inc. SMT-1341-T-2-R Datasheet HTML 2Page - PUI audio inc. SMT-1341-T-2-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 12/15.
AT-1438-TWT-R
40mm Speaker
Mechanical and Environment Testing
Test Description
Test Condition
High Temperature
120°C with random humidity for 240 hours
Low Temperature
-40°C with random humidity for 240 hours
Humidity
40°C (± 2°C) with 90% to 95% relative humidity
for 240 hours
Vibration
1.52 mm movement modulated at 10-55 Hz in 3
directions for 6 hours total
Shock Test
100 m/s
2 force on three axis, 3 cycles
Temperature Cycle Test
-40°C to 105°C, five 90 minute cycles
After testing, part shall rest for 2 hours and then be tested for a clean, pure tone.
Recommended Reflow Profile
SMT-1341-T-2-R
12.5 x 12.5mm
Transducer
Recommended Land Pattern
Frequency Response and SPL Measurement Setup



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com