Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHE2805DF/ES-MSTR Datasheet(PDF) 7 Page - International Rectifier

Part # AHE2805DF/ES-MSTR
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHE2805DF/ES-MSTR Datasheet(HTML) 7 Page - International Rectifier

  AHE2805DF/ES-MSTR Datasheet HTML 1Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 2Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 3Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 4Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 5Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 6Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 7Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
AHE28XXS Series
Pin Designation
AHE28XXS Case Outlines
Flanged
Non-Flanged
Part Numbering
2.560
1.110
0.040 D X
0.26 L P ins
4 X 0.400
=1.600
2.880
Max
2.110
Max
0.495
Max
0.050
0.800
Ø 0.162
2 H oles
2.110
0.495
* AHE2805S only. AHE2812S / 2815S have N/C on Pin 3
AH E 28 05 S F / C H - M STR
M ode l
Input V o lta g e
28 = 28V
O u tput V o lta g e
5 = ±5 , 1 2 = ±12,
15 = ±1 5
O u tputs
S = S in g le
D = Du a l
Sc re en in g
– , E S , H B, C H
Pa c ka g e O p tion s
F = F la nge
O m it fo r S tan dard
S y n c O p tio n
MS TR = Ma ster
SL V = S la ve
Pin No.
Designation
1
Positive Input
2
Enable Input
3
Output Adjust *
4
Output Return
5
Positive Output
6
N/C
7
N/C
8
Case Ground
9
N/C or Sync.
10
Input Return



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com