Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHE2805DF/ES-MSTR Datasheet(PDF) 8 Page - International Rectifier

Part # AHE2805DF/ES-MSTR
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHE2805DF/ES-MSTR Datasheet(HTML) 8 Page - International Rectifier

  AHE2805DF/ES-MSTR Datasheet HTML 1Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 2Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 3Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 4Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 5Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 6Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 7Page - International Rectifier AHE2805DF/ES-MSTR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
www.irf.com
AHE28XXS Series
Available Standard Military Drawing (SMD) Cross Reference
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
ADVANCED ANALOG: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 10/02
Available Screening Levels and Process Variations for AHE28XXS Series
* Per Commercial Standards
Requirement
MIL-STD-883
Method
No
Suffix
ES
Suffix
HB
Suffix
CH
Suffix
Temperature
Range
-20 to +85
°C
-55
°C to +125°C
-55
°C to +125°C
-55
°C to +125°C
Element
Evaluation
MIL-PRF-38534
Internal Visual
2017
∗
Yes
Yes
Yes
Temperature
Cycle
1010
Cond B
Cond C
Cond C
Constant
Acceleration
2001
500g
Cond A
Cond A
Burn-in
1015
48hrs @ 85
°C
48hrs @ 125
°C
160hrs @ 125
°C
160hrs @ 125
°C
Final Electrical
(Group A)
MIL-PRF-
38534 &
Specifications
25
°C
25
°C
-55, +25, +125
°C
-55, +25, +125
°C
Seal, Fine &
Gross
1014
Cond C
Cond A, C
Cond A, C
Cond A, C
External
Visual
2009
∗
Yes
Yes
Yes
Standard
Military Drawing
PIN
Vendor
CAGE
Code
Vendor
Similar
PIN
5962-8968301HXX
52467
AHE2805S/CH
5962-8968301HZX
52467
AHE2805SF/CH
5962-8968302HXX
52467
AHE2805S/CH-SLV
5962-8968302HZX
52467
AHE2805SF/CHSLV
5962-8968303HXX
52467
AHE2805S/CH-MSTR
5962-8968303HZX
52467
AHE2805SF/CH-MSTR
Standard
Military Drawing
PIN
Vendor
CAGE
Code
Vendor
Similar
PIN
5962-9158001HXX
52467
AHE2812S/CH
5962-9158001HZX
52467
AHE2812SF/CH
5962-9158002HXX
52467
AHE2812S/CH-SLV
5962-9158002HZX
52467
AHE2812SF/CH-SLV
5962-9158003HXX
52467
AHE2812S/CH-MSTR
5962-9158003HZX
52467
AHE2812SF/CH-MSTR
Standard
Military Drawing
PIN
Vendor
CAGE
Code
Vendor
Similar
PIN
5962-9162501HXX
52467
AHE2815S/CH
5962-9162501HZX
52467
AHE2815SF/CH
5962-9162502HXX
52467
AHE2815S/CH-SLV
5962-9162502HZX
52467
AHE2815SF/CH-SLV
5962-9162503HXX
52467
AHE2815S/CH-MSTR
5962-9162503HZX
52467
AHE2815SF/CH-MSTR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com