Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q20PLP Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # Q20PLP
Description  Q20 Series Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q20PLP Datasheet(HTML) 2 Page - Banner Engineering Corp.

  Q20PLP Datasheet HTML 1Page - Banner Engineering Corp. Q20PLP Datasheet HTML 2Page - Banner Engineering Corp. Q20PLP Datasheet HTML 3Page - Banner Engineering Corp. Q20PLP Datasheet HTML 4Page - Banner Engineering Corp. Q20PLP Datasheet HTML 5Page - Banner Engineering Corp. Q20PLP Datasheet HTML 6Page - Banner Engineering Corp. Q20PLP Datasheet HTML 7Page - Banner Engineering Corp. Q20PLP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Overview
Banner’s Q20 family of sensors offers a full complement of
sensing modes, with the excellent performance expected of much
larger sensors. Their compact plastic housings feature
overmolded construction for superior robustness and sealing.
Their popular rectangular design is easy to mount into tight
spaces; integral threaded mounting holes eliminate the need for
separate mounting nuts.
The single-turn Gain potentiometer on most models and bright
LEDs (positioned on top of the housing for 360° visibility) provide
easy alignment and configuration for reliable sensing.
1
2
3
(varies with model)
1. Output LED
2. Power LED
3. Single-Turn Gain
Potentiometer (Retro
and Diffuse models
only)
Wiring Diagrams
Cabled wiring diagrams are shown. Quick disconnect wiring diagrams are functionally identical.
Emitter
10-30V dc
–
+
1
3
PNP Output
10-30V dc
–
+
1
3
2
4
Load
Load
NPN Output
10-30V dc
–
+
1
3
2
4
Load
Load
Key
1.
Brown
2.
White
3.
Blue
4.
Black
4-pin M8/Pico-style Male QD
3
2
1
4
4-pin M12/Euro-style Male QD
1
4
3
2
Specifications
Supply Voltage
Fixed-Field: 10 to 30V dc (10% maximum ripple within specified limits) at less
than 25 mA, exclusive of load
All others: 10 to 30V dc (10% maximum ripple within specified limits) at less
than 18 mA, exclusive of load
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Repeatability
Opposed mode: 140 microseconds
All other models: 90 microseconds
Construction
ABS housing; PMMA lenses; PBT Gain Adjuster (Retro and Diffuse models
only)
WORLD-BEAM® Q20 Series Sensor
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 127816 Rev. M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com