Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q20PLP Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # Q20PLP
Description  Q20 Series Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q20PLP Datasheet(HTML) 3 Page - Banner Engineering Corp.

  Q20PLP Datasheet HTML 1Page - Banner Engineering Corp. Q20PLP Datasheet HTML 2Page - Banner Engineering Corp. Q20PLP Datasheet HTML 3Page - Banner Engineering Corp. Q20PLP Datasheet HTML 4Page - Banner Engineering Corp. Q20PLP Datasheet HTML 5Page - Banner Engineering Corp. Q20PLP Datasheet HTML 6Page - Banner Engineering Corp. Q20PLP Datasheet HTML 7Page - Banner Engineering Corp. Q20PLP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Output Configuration for Receiver
100 mA with short circuit protection
OFF-state leakage current:
NPN: < 200 µA sinking (see Application Note 2);
PNP: < 10 µA sourcing
ON-state saturation voltage
NPN: < 1.6 V at 100 mA
PNP: < 3.0 V at 100 mA
Output Configuration for all Other Models
Maximum Current ≤ 100 mA
PNP Output Voltage:
High ≥ Vsupply – Vsaturation
Low ≤ 1 V (≤ 1M Ω)
NPN Output Voltage:
High ≥ Vsupply – 1 V (≤ 1M Ω)
Low ≤ Vsaturation
Vsaturation ≤ 3 V
Output Response Time
Opposed mode: 1 millisecond ON/600 microseconds OFF
All other models: 850 microseconds ON/OFF
100 millisecond delay on power-up; outputs do not conduct during this time
Connections
2 m (6.5 ft) or 9 m (30 ft) 4-wire PVC cable, 150 mm (6 in) cable with 4-pin
threaded M8/Pico-style (Q) or M12/Euro-style (Q5) connector, or 4-pin
integral threaded M8/Pico-style connector (Q7), depending on the model
ordered
Indicators
Two LED Indicators: Power (green) and Output (amber)
Fixed-Field models:
Green on: Power ON
Amber on: Black (LO) wire conducting
All other models:
Green on: Power ON
Amber on: Black (LO) wire conducting
Amber flashing: Marginal excess gain (1 to 1.5×)
Black (LO) wire conducting
Adjustments
Diffuse, Retroreflective, and Polarized Retroreflective models (only):
Single-turn Sensitivity (Gain) adjustment potentiometer
Applications Notes
1.
Opposed mode sensor spacing can be reduced by alternating
emitters and receivers or by applying cross talk filters (visible red
models only)
2.
For receiver only: NPN off-state leakage current is <200 µA for load
resistances > 3kΩ or optically isolated loads. For load currents of
100 mA, leakage is <1% of load current.
Operating Conditions
–20 °C to +60 °C (–4 °F to +140 °F)
95% at +50 °C maximum relative humidity (non-condensing)
Environmental Rating
IEC IP67; NEMA 6
Vibration and Mechanical Shock
All models meet MIL-STD-202F, Method 201A (Vibration: 10 Hz to 60 Hz
maximum, 0.06 inch (1.52 mm) double amplitude, 10G maximum acceleration)
requirements. Also meets IEC 60947-5-2 (Shock: 30G 11 ms duration, half
sine wave) requirements.
Certifications
(Class 2 power supply
required)
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance
with local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Performance Curves
Opposed Mode Models
Excess Gain
Beam Pattern
1
10
100
0.1 m
0.3'
1.0 m
3.0'
10 m
30'
100 m
300'
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q20
Opposed
Infrared
Filter
Visible
15 m
49.2'
18 m
59.0'
21 m
68.9'
12 m
39.4'
9 m
29.5'
6 m
19.7'
3 m
9.8'
0
0
400 mm
800 mm
1200 mm
400 mm
800 mm
1200 mm
0
16"
31"
47"
16"
31"
47"
DISTANCE
Q20 Opposed Mode
Visible
Filters
Infrared
WORLD-BEAM® Q20 Series Sensor
P/N 127816 Rev. M
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com