Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS450V Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS450V
Description  16:1 Multiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS450V Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM74LS450V Datasheet HTML 1Page - National Semiconductor (TI) DM74LS450V Datasheet HTML 2Page - National Semiconductor (TI) DM74LS450V Datasheet HTML 3Page - National Semiconductor (TI) DM74LS450V Datasheet HTML 4Page - National Semiconductor (TI) DM74LS450V Datasheet HTML 5Page - National Semiconductor (TI) DM74LS450V Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLL8338
PRELIMINARY
July 1989
DM54LS450DM74LS450 161 Multiplexer
General Description
The 161 Mux selects one of sixteen inputs E0 through E15
specified by four binary select inputs A B C and D The
true data is output on Y and the inverted data on W Propa-
gation delays are the same for both inputs and addresses
and are specified for 50 pF loading Outputs conform to the
standard 8 mA LS totem pole drive standard
FeaturesBenefits
Y
24-pin SKINNYDIP saves space
Y
Similar to 74150 (Fat DIP)
Y
Low current PNP inputs reduce loading
Connection Diagram
Top View
TLL8338 – 1
Order Number DM54LS450J DM74LS450J
DM74LS450N or DM74LS450V
See NS Package Number J24F N24C or V28A
Standard Test Load
TLL8338 – 2
Function Table
Input
Output
Select
DC
BA
W
Y
LLLL
E0
E0
LLL
H
E1
E1
LL
H
L
E2
E2
LL
H
H
E3
E3
LHL
L
E4
E4
LHLH
E5
E5
LH
HL
E6
E6
LH
H
H
E7
E7
HL
L
L
E8
E8
HL
LH
E9
E9
HLHLE10
E10
HLH
H
E11
E11
H
H
L
L
E12
E12
H
H
L
H
E13
E13
HHH
L
E14
E14
HHHHE15
E15
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - DM74LS450V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS451 NSC-DM74LS451 Datasheet
115Kb / 3P
DM54LS451/DM74LS451 DUAL 8:1 Multiplexer
DM74LS453 NSC-DM74LS453 Datasheet
61Kb / 3P
QUAD 4:1 MULTIPLEXER
More results

Similar Description - DM74LS450V

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M69897VP MITSUBISHI-M69897VP Datasheet
61Kb / 10P
16:1 2.488 Gbps Multiplexer
logo
ON Semiconductor
MC100LVE164 ONSEMI-MC100LVE164 Datasheet
117Kb / 4P
LOW VOLTAGE 16:1 MULTIPLEXER
1996 REV 1
MC10E164 ONSEMI-MC10E164 Datasheet
98Kb / 4P
16:1 MULTIPLEXER
1996 REV 2
logo
Fairchild Semiconductor
MM74C150 FAIRCHILD-MM74C150 Datasheet
69Kb / 8P
16-Line to 1-Line Multiplexer 3-STATE . 16-Line to 1-Line Multiplexer
logo
Micrel Semiconductor
SY10E164 MICREL-SY10E164 Datasheet
58Kb / 4P
16:1 MULTIPLEXER
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_06 Datasheet
125Kb / 9P
5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
MC100LVE164 ONSEMI-MC100LVE164_06 Datasheet
120Kb / 7P
3.3V ECL 16:1 Multiplexer
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY10E164 MICREL-SY10E164_06 Datasheet
59Kb / 4P
16:1 MULTIPLEXER
logo
Integrated Device Techn...
ICS850S1601I IDT-ICS850S1601I Datasheet
765Kb / 12P
16:1 SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
ICS850S1601I RENESAS-ICS850S1601I Datasheet
911Kb / 13P
16:1 SINGLE-ENDED MULTIPLEXER
AUGUST 15, 2008
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com