Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTW-2S3D7 Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTW-2S3D7
Description  Low power consumption, High efficiency, Versatile mounting on p.c. board or panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-2S3D7 Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  LTW-2S3D7 Datasheet HTML 1Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Iv Spec. Table for Reference
Luminous Intensity (mcd) , If = 20mA
Iv
Bin
min.
max.
Y1
10000
13000
Z1
13000
17000
Luminous Intensity Measurement allowance is 15%
Vf Spec. Table for Reference
Forward Voltage (V) , If = 20mA
Vf
Bin
min.
max.
3H
2.75
3.00
4H
3.00
3.25
5H
3.25
3.50
6H
3.50
3.80
Forward Voltage Measurement allowance is ±0.1
Hue Spec. Table for Reference
Hue
Bin
Chromaticity Coordinates
x
0.370
0.370
0.330
0.330
40
y
0.450
0.350
0.300
0.400
x
0.330
0.330
0.306
0.306
50
y
0.400
0.300
0.269
0.369
x
0.306
0.306
0.285
0.285
60
y
0.369
0.269
0.244
0.344
x
0.285
0.285
0.250
0.250
70
y
0.344
0.244
0.200
0.300
Color Coordinates Measurement allowance is ±0.01
C.I.E. 1931 Chromaticity Diagram
Part No. : LTW-2S3D7
Page :
6
of
8
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com