Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTW-2S3D7 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTW-2S3D7
Description  Low power consumption, High efficiency, Versatile mounting on p.c. board or panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-2S3D7 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTW-2S3D7 Datasheet HTML 1Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Features
* Low power consumption.
* High efficiency.
* Versatile mounting on p.c. board or panel.
* I.C. compatible/low current requirement.
* Popular T-13/4 diameter.
Package Dimensions
Part No.
Lens Color
Emitted Color
LTW-2S3D7
Water Clear
InGaN White
NOTES:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part No. : LTW-2S3D7
Page :
1
of
8
BNS-OD-C131/A4


Similar Part No. - LTW-2S3D7

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-2S3D7-012 LITEON-LTW-2S3D7-012 Datasheet
222Kb / 9P
Property of Lite-On Only
LTW-2S3D7-2 LITEON-LTW-2S3D7-2 Datasheet
201Kb / 8P
Property of Lite-On Only
LTW-2S3D7S LITEON-LTW-2S3D7S Datasheet
271Kb / 8P
Property of Lite-On Only
More results

Similar Description - LTW-2S3D7

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-42NC5 LITEON-LTW-42NC5 Datasheet
195Kb / 8P
Low power consumption, High efficiency
logo
DB Lectro Inc
NPA DBLECTRO-NPA Datasheet
195Kb / 2P
Low coil power consumption 0.12W. / PC board mounting, SIL terminal
NG8QN DBLECTRO-NG8QN Datasheet
120Kb / 2P
Low coil consumption. / PC board mounting.
NG6D DBLECTRO-NG6D Datasheet
73Kb / 2P
Low coil power consumption 0.2W. / PC board mounting.
logo
Lite-On Technology Corp...
LTL353TBK LITEON-LTL353TBK Datasheet
152Kb / 4P
Low power consumption High efficiency Veratile mounting on p.c board or panel
logo
BetLux Electronics
BL-D30E-21 BETLUX-BL-D30E-21 Datasheet
316Kb / 5P
Easy mounting on P.C. Boards or sockets
REV NO: V.2
BL-D30G-21 BETLUX-BL-D30G-21 Datasheet
346Kb / 5P
Easy mounting on P.C. Boards or sockets
REV NO: V.2
BL-D30I-21 BETLUX-BL-D30I-21 Datasheet
341Kb / 5P
Easy mounting on P.C. Boards or sockets
REV NO: V.2
logo
Hammond Manufacturing L...
183G10 HAMMOND-183G10 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
183E36 HAMMOND-183E36 Datasheet
293Kb / 1P
Low Voltage P.C. Board Mounted Power Transformer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com