Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10P563JTL Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10P563JTL
Description  High power rating and compact size
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10P563JTL Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  WF10P563JTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Approval sheet
Page 5 of 9
ASC_WFxxP_V03
MAR - 2017
Recommended Solder Pad Dimensions
D
W
L
MARKING
For 0603 above size, each resistor is marked with a four-digit for 1% tolerance and three-digit for 5%
tolerance on the protective coating to designate the nominal resistance value.
For 0603, each resistor is marked with a three-digit!
For 0402, no marking !
For Jumper, 2512/2010 defines 0000, 1206/0805/0603 defines 000.
Example:
102 = 1k
16R0 = 16
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the E96 & E24 series for resistors with a tolerance of
5% & 1%. The values of the E24/E96 series are in accordance with “IEC publication 60063”.
Derating curve
The power that the resistor can dissipate depends on the operating temperature; see Fig.2
Figure 2
Maximum dissipation in percentage of rated power as a
function of the ambient temperature
Type
W
D
L
WF25P
3.7mm
2.45mm
7.6mm
102
16R0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com