Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF10P563JTL Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10P563JTL
Description  High power rating and compact size
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10P563JTL Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

  WF10P563JTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10P563JTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Approval sheet
Page 7 of 9
ASC_WFxxP_V03
MAR - 2017
TEST AND REQUIREMENTS
Basic specification : JIS C 5201-1 : 1998
TEST
PROCEDURE
REQUIREMENT
Clause 4.8
Temperature Coefficient
of Resistance (TCR )
Natural resistance change per change in degree
centigrade.
6
1
2
1
1
2
10
t
t
R
R
R
(ppm/
C)
R1 : Resistance at reference temperature
R2 : Resistance at test temperature
t1 : 20°C+5°C-1°C
Refer to quick reference data for T.C.R
specification
Clause 4.13
Short time overload
5.0× Rated power or Max. Overload Voltage
for 5 sec.
Measure resistance after 30 minutes..
R/R max. J:≦ ±(2%+0.1)
B,D, F:≦ ±(1%+0.05
)
Clause 4.18
Resistance to soldering
heat
Un-mounted chips completely immersed for 10±1second
in a SAC solder bath at 260℃±5ºC
No visible damage
R/R max. J:≦ ±(1%+0.1)
B,D, F:≦ ±(0.5%+0.05
)
Clause 4.17
Solderability
Un-mounted chips completely immersed
for 2±0.5
second in a SAC solder bath at 235℃±5℃
Good tinning (>95% covered)
No visible damage
Clause 4.18
Leach Test
Un-mounted chips completely immersed for 60±1second
in a solder bath at 260℃±5℃
Ditto
Clause 4.19
Temperature cycling
30 minutes at -55°C±3°C, 2~3 minutes at 20°C+5°C-1°C,
30
minutes
at
+155°C±3°C,
2~3
minutes
at
20°C+5°C-1°C, total 5 continuous cycles
No visible damage
R/R max. J≦ ±(1%+0.1)
B,D,F≦ ±(0.5%+0.05
)
Clause 4.25
Load life (endurance)
1000 +48/-0 hours, loaded with RCWV or Vmax in
chamber controller 70±2ºC, 1.5 hours on and 0.5 hours
off
No visible damage
R/R max. J≦ (3%+0.1)
B,D,F≦
(1%+0.05)
Clause 4.24
Load life in Humidity
1000 +48/-0 hours, loaded with RCWV or Vmax in
humidity chamber controller at 40
C2C and 90~95%
relative humidity, 1.5hours on and 0.5 hours off
No visible damage
R/R max. J≦ (3%+0.1)
B,D,F≦
(1%+0.05)
Clause 4.33
Bending strength
Resistors mounted on a 90mm glass epoxy resin
PCB(FR4); bending : 2 mm(2512;2010) 3mm(1206),
once for 10 seconds
No visible damage
R/R max. J≦ ±(1%+0.1)
B,D,F≦ ±(0.5%+0.05
)
Clause 4.32
Adhesion
Pressurizing force: 5N, Test time: 10±1sec
No remarkable damage or removal of the
terminations
Insulation Resistance
Clause 4.6
Apply the maximum overload voltage (DC) for 1minute
R≧
10GΩ
Dielectric Withstand
Voltage
Clause 4.7
Apply the maximum overload voltage (AC) for 1 minute
No breakdown or flashover



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com