Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD7NC60HT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGD7NC60HT4
Description  N-CHANNEL 14A - 600V TO-220/DPAK Very Fast PowerMESH IGBT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD7NC60HT4 Datasheet(HTML) 1 Page - STMicroelectronics

  STGD7NC60HT4 Datasheet HTML 1Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 2Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 3Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 4Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 5Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 6Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 7Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 8Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
June 2005
STGP7NC60H - STGD7NC60H
N-CHANNEL 14A - 600V TO-220/DPAK
Very Fast PowerMESH™ IGBT
Table 1: General Features
s
LOWER ON-VOLTAGE DROP (Vcesat)
s
OFF LOSSES INCLUDE TAIL CURRENT
s
LOWER CRES/CIES RATIO
s
HIGH FREQUENCY OPERATION UP TO 70
KHz
s
NEW GENERATION PRODUCTS WITH
TIGHTER PARAMETER DISTRIBUTION
DESCRIPTION
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the Pow-
erMESH™ IGBTs, with outstanding performances.
The suffix "H" identifies a family optimized for high
frequency applications in order to achieve very
high switching performances (reduced tfall) man-
taining a low voltage drop.
APPLICATIONS
s
HIGH FREQUENCY INVERTERS
s
SMPS AND PFC IN BOTH HARD SWITCH
AND RESONANT TOPOLOGIES
s
MOTOR DRIVERS
Table 2: Order Code
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VCES
VCE(sat) (Max)
@25°C
IC
@100°C
STGP7NC60H
STGD7NC60HT4
600 V
600 V
< 2.5 V
< 2.5 V
14 A
14 A
TO-220
1
2
3
1
3
DPAK
Weight for DPAK: 0.38gr ± 0.01
Weight for TO-220: 1.92gr ± 0.01
PART NUMBER
MARKING
PACKAGE
PACKAGING
STGP7NC60H
GP7NC60H
TO-220
TUBE
STGD7NC60HT4
D7NC60H
DPAK
TAPE & REEL
Rev. 2


Similar Part No. - STGD7NC60HT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD7NB120S-1 STMICROELECTRONICS-STGD7NB120S-1 Datasheet
43Kb / 6P
N-CHANNEL 7A - 1200V IPAK Power MESH IGBT
Apr-2000
STGD7NB120S-1 STMICROELECTRONICS-STGD7NB120S-1 Datasheet
116Kb / 6P
N-CHANNEL 7A - 1200V - IPAK PowerMESH IGBT
Aug-2000
STGD7NB120S-1_0008 STMICROELECTRONICS-STGD7NB120S-1_0008 Datasheet
116Kb / 6P
N-CHANNEL 7A - 1200V - IPAK PowerMESH IGBT
Aug-2000
STGD7NB60F STMICROELECTRONICS-STGD7NB60F Datasheet
330Kb / 8P
N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
Jun-2003
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
N-CHANNEL 7A - 600V - DPAK PowerMESH™ IGBT
Jul-2000
More results

Similar Description - STGD7NC60HT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP3NB60S STMICROELECTRONICS-STGP3NB60S Datasheet
411Kb / 10P
N-CHANNEL 3A - 600V - TO-220 / DPAK PowerMESH™ IGBT
Aug-2002
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD Datasheet
224Kb / 9P
N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
14-Jun-2005
STGP7NC60HD STMICROELECTRONICS-STGP7NC60HD Datasheet
430Kb / 15P
N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
07-Jun-2004
STGP10NC60H STMICROELECTRONICS-STGP10NC60H Datasheet
104Kb / 9P
N-CHANNEL 10A - 600V - TO-220 VERY FAST PowerMESH™ IGBT
November 2005 Rev 1
STGD6NC60H STMICROELECTRONICS-STGD6NC60H_07 Datasheet
454Kb / 14P
N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
08-Feb-2007
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD_07 Datasheet
467Kb / 15P
N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
07-Feb-2007
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_06 Datasheet
272Kb / 13P
N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT
12-Oct-2006
STGD10NC60H STMICROELECTRONICS-STGD10NC60H Datasheet
428Kb / 14P
N-channel 10A - 600V - DPAK Very fast PowerMESH??IGBT
02-Apr-2007
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_07 Datasheet
315Kb / 13P
N-channel 10A - 600V - TO-220 Very fast PowerMESH IGBT
02-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com