Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD7NC60HT4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGD7NC60HT4
Description  N-CHANNEL 14A - 600V TO-220/DPAK Very Fast PowerMESH IGBT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD7NC60HT4 Datasheet(HTML) 3 Page - STMicroelectronics

  STGD7NC60HT4 Datasheet HTML 1Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 2Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 3Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 4Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 5Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 6Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 7Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 8Page - STMicroelectronics STGD7NC60HT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
STGP7NC60H - STGD7NC60H
ELECTRICAL CHARACTERISTICS (CONTINUED)
Table 6: Dynamic
(1) Pulsed: Pulse duration= 300 µs, duty cycle 1.5%
Table 7: Switching On
Table 8: Switching Off
Table 9: Switching Energy
2) Eon is the turn-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in a package with a co-pack diode,
the co-pack diode is used as external diode. IGBTs & DIODE are at the same temperature (25°C and 125°C)
(3)Turn-off losses include also the tail of the collector current.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VCE = 15 V , IC = 7 A
4.30
S
Cies
Input Capacitance
VCE = 25 V, f= 1 MHz, VGE = 0
720
pF
Coes
Output Capacitance
81
pF
Cres
Reverse Transfer
Capacitance
17
pF
Qg
Qge
Qgc
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE = 390 V, IC = 7 A,
VGE = 15 V
(see Figure 21)
35
7
16
48
nC
nC
nC
ICL
Turn-Off SOA Minimum
Current
Vclamp = 480 V , Tj = 150°C
RG = 10 Ω, VGE = 15 V
50
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on Delay Time
Current Rise Time
Turn-on Current Slope
VCC = 390 V, IC = 7 A
RG=10 Ω, VGE= 15V, Tj= 25°C
(see Figure 18)
18.5
8.5
1060
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on Delay Time
Current Rise Time
Turn-on Current Slope
VCC = 390 V, IC = 7 A
RG=10 Ω, VGE= 15V, Tj= 125°C
(see Figure 19)
18.5
7
1000
ns
ns
A/µs
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off Voltage Rise Time
Vcc = 390 V, IC = 7 A,
RG = 10 Ω , VGE = 15 V
TJ = 25 °C
(see Figure 19)
27
ns
td(off)
Turn-off Delay Time
72
ns
tf
Current Fall Time
60
ns
tr(Voff)
Off Voltage Rise Time
Vcc = 390 V, IC = 7 A,
RG = 10 Ω , VGE = 15 V
Tj = 125 °C
(see Figure 19)
56
ns
td(off)
Turn-off Delay Time
116
ns
tf
Current Fall Time
105
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Unit
Eon (2)
Eoff (3)
Ets
Turn-on Switching Losses
Turn-off Switching Loss
Total Switching Loss
VCC = 390 V, IC = 7 A
RG= 10 Ω, VGE= 15V, Tj= 25°C
(see Figure 19)
95
115
210
125
150
275
µJ
µJ
µJ
Eon (2)
Eoff (3)
Ets
Turn-on Switching Losses
Turn-off Switching Loss
Total Switching Loss
VCC = 390 V, IC = 7 A
RG= 10 Ω, VGE= 15V, Tj= 125°C
(see Figure 19)
140
215
355
µJ
µJ
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com