Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF04U20R0CTLS Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF04U20R0CTLS
Description  Low resistance with superior pulse withstand ability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF04U20R0CTLS Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  WF04U20R0CTLS Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Approval Sheet
Page 1 of 11
ASC_WFxx_S V01
Aug - 2018
WF12Q/R_S, WF08Q/R_S, WF06Q/R_S
WF04T/U_S
1%, 0.5%, 0.25%, 0.1%,
TC50, TC25
Thin Film Pulse Withstanding Chip Resistors
(RoHS compliant 、Halogen Free)
Size 1206, 0805, 0603, 0402
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - WF04U20R0CTLS

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WF04U20R0CTLS WALSIN-WF04U20R0CTLS Datasheet
1Mb / 11P
Thin Film Pulse Withstanding Chip Resistors
More results

Similar Description - WF04U20R0CTLS

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW44TS4C1A-HCRI OPTOSUPPLY-OSW44TS4C1A-HCRI Datasheet
118Kb / 1P
Superior Weather-resistance
logo
Roithner LaserTechnik G...
PW5111A-Z3 ROITHNER-PW5111A-Z3 Datasheet
161Kb / 1P
superior weather-resistance
logo
Infineon Technologies A...
BSC030N08NS5 INFINEON-BSC030N08NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.2,2014-11-10
BSC035N10NS5 INFINEON-BSC035N10NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.0,2014-12-17
BSC037N08NS5 INFINEON-BSC037N08NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.0,2014-12-17
BSC040N08NS5 INFINEON-BSC040N08NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.0,2014-12-27
BSC098N10NS5 INFINEON-BSC098N10NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.0,2014-12-17
BSC040N10NS5 INFINEON-BSC040N10NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.1,2015-01-07
IPA029N06N INFINEON-IPA029N06N Datasheet
1Mb / 11P
Superior thermal resistance
IPA040N06N INFINEON-IPA040N06N Datasheet
1Mb / 11P
Superior thermal resistance
Rev.2.1,2014-06-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com