Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF04U20R0CTLS Datasheet(PDF) 11 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF04U20R0CTLS
Description  Low resistance with superior pulse withstand ability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF04U20R0CTLS Datasheet(HTML) 11 Page - WALSIN TECHNOLOGY CORPORATION

Back Button WF04U20R0CTLS Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION WF04U20R0CTLS Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Approval Sheet
Page 11 of 11
ASC_WFxxS V01
Aug - 2018
PULSE LOAD PERFORMANCE:
Single Pulse
1,000 rectangular pulse amplitudes are applied to the component at intervals of 60seconds,
Permissible resistance to be varied by ± (0.5% R + 0.05
Ω).
Continuous Pulse
Continuous load is a pulse period generated by the repetitive rectangular pulse amplitude,
the applied power dissipation is at a rated power of 70 ° C.
Permissible resistance to be varied by ± (0.5% R + 0.05Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com