Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2948940 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2948940
Description  Solid-state relay module - EMG 10-OE-120AC/ 48DC/100
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2948940 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2948940 Datasheet HTML 1Page - PHOENIX CONTACT 2948940 Datasheet HTML 2Page - PHOENIX CONTACT 2948940 Datasheet HTML 3Page - PHOENIX CONTACT 2948940 Datasheet HTML 4Page - PHOENIX CONTACT 2948940 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/2948940
10/22/2014   Page 1 / 5
Solid-state relay module - EMG 10-OE-120AC/ 48DC/100 - 2948940
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Input solid-state relay, with LED and protective circuit in input and output circuits, input: 120 V AC, output: 4 - 48
V DC/max. 100 mA
The illustration shows version EMG
10-OE, with DC voltage output,
max.100 mA
Product Features
 Protective circuit in input and output
 EMG-17-OV, short-circuit-proof with indicator LED
 RC protective circuit
 Status indicator
 Zero voltage switch
 Electrical isolation
 
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
40.1 GRM
Custom tariff number
85364900
Country of origin
Germany
Technical data
Dimensions
Width
10 mm
Height
75 mm
Depth
102 mm


Similar Part No. - 2948940

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2948908 PHOENIX-2948908 Datasheet
134Kb / 5P
EMG 10-OE- 24DC/ 48DC/100
2948911 PHOENIX-2948911 Datasheet
83Kb / 5P
Solid-state relay module - EMG 10-OE- 60DC/ 48DC/100
2948924 PHOENIX-2948924 Datasheet
85Kb / 5P
Solid-state relay module - EMG 10-OE-110DC/ 48DC/100
2948937 PHOENIX-2948937 Datasheet
83Kb / 5P
Solid-state relay module - EMG 10-OE-220DC/ 48DC/100
2948953 PHOENIX-2948953 Datasheet
93Kb / 5P
Solid-state relay module - EMG 10-OE-230AC/ 48DC/100
More results

Similar Description - 2948940

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2271112 PHOENIX-2271112 Datasheet
81Kb / 5P
Miniature solid-state relay - SIM-EI-120AC/48DC/100
2900353 PHOENIX-2900353 Datasheet
79Kb / 5P
Solid-state relay module - PLC-OPT- 48DC/ 48DC/100
2941659 PHOENIX-2941659 Datasheet
129Kb / 5P
DEK-OE-120AC/ 48DC/100
2948885 PHOENIX-2948885 Datasheet
134Kb / 5P
EMG 10-OE- 5DC/ 48DC/100
2948898 PHOENIX-2948898 Datasheet
134Kb / 5P
EMG 10-OE- 12DC/ 48DC/100
2948908 PHOENIX-2948908 Datasheet
134Kb / 5P
EMG 10-OE- 24DC/ 48DC/100
2948911 PHOENIX-2948911 Datasheet
83Kb / 5P
Solid-state relay module - EMG 10-OE- 60DC/ 48DC/100
2948924 PHOENIX-2948924 Datasheet
85Kb / 5P
Solid-state relay module - EMG 10-OE-110DC/ 48DC/100
2948937 PHOENIX-2948937 Datasheet
83Kb / 5P
Solid-state relay module - EMG 10-OE-220DC/ 48DC/100
2948953 PHOENIX-2948953 Datasheet
93Kb / 5P
Solid-state relay module - EMG 10-OE-230AC/ 48DC/100
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com