Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2948940 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2948940
Description  Solid-state relay module - EMG 10-OE-120AC/ 48DC/100
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2948940 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2948940 Datasheet HTML 1Page - PHOENIX CONTACT 2948940 Datasheet HTML 2Page - PHOENIX CONTACT 2948940 Datasheet HTML 3Page - PHOENIX CONTACT 2948940 Datasheet HTML 4Page - PHOENIX CONTACT 2948940 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/2948940
10/22/2014   Page 2 / 5
Solid-state relay module - EMG 10-OE-120AC/ 48DC/100 - 2948940
Technical data
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Degree of protection
IP20
Input data
Nominal input voltage UN
120 V AC
Input voltage range in reference to UN
0.9 ... 1.1
Switching threshold "0" signal in reference to UN
≤ 0.4
Switching threshold "1" signal in reference to UN
≥ 0.8
Typical input current at UN
4.8 mA
Typical response time
10 ms
Typical turn-off time
10 ms
Status display
Yellow LED
Type of protection
Protection against polarity reversal
Surge protection
Protective circuit/component
Polarity protection diode
Transmission frequency
10 Hz
Output data
Output nominal voltage
48 V DC
Output voltage range
4 V DC ... 48 V DC
Limiting continuous current
100 mA
Voltage drop at max. limiting continuous current
0.9 V
Output circuit
2-wire, floating
Type of protection
Protection against polarity reversal
Surge protection
Protective circuit/component
Polarity protection diode
Connection data
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com