Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2951908 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2951908
Description  Relay Module - EMG 22-REL/KSR- 48/21
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2951908 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2951908 Datasheet HTML 1Page - PHOENIX CONTACT 2951908 Datasheet HTML 2Page - PHOENIX CONTACT 2951908 Datasheet HTML 3Page - PHOENIX CONTACT 2951908 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2951908
10/22/2014   Page 1 / 4
Relay Module - EMG 22-REL/KSR- 48/21 - 2951908
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay module, with soldered-in miniature switching relay, contact (AgNi): Medium to large loads, 1 PDT, input
voltage 48 V AC/DC
The illustration shows version EMG
22-REL/KSR- 24/21, with soldered-in
miniature switching relay
Product Features
 Safe isolation according to DIN EN 50178 between coil and contact
 Integrated input circuit and interference suppression circuit
 
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
65.47 GRM
Custom tariff number
85364190
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
22.5 mm
Height
75 mm
Depth
62.5 mm


Similar Part No. - 2951908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2951911 PHOENIX-2951911 Datasheet
61Kb / 4P
Relay Module - EMG 22-REL/KSR- 60/21
More results

Similar Description - 2951908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2940401 PHOENIX-2940401 Datasheet
60Kb / 4P
Relay Module - EMG 17-REL/KSR- 48/21-21-LC
2946311 PHOENIX-2946311 Datasheet
47Kb / 2P
Relay Module - EMG 17-REL/KSR- 15/21
2950323 PHOENIX-2950323 Datasheet
66Kb / 2P
EMG 22-REL/KSR- 24/21-21
2951885 PHOENIX-2951885 Datasheet
111Kb / 4P
EMG 22-REL/KSR- 24/21
2951911 PHOENIX-2951911 Datasheet
61Kb / 4P
Relay Module - EMG 22-REL/KSR- 60/21
2952855 PHOENIX-2952855 Datasheet
60Kb / 4P
Relay Module - EMG 22-REL/KSR-230/21
2953964 PHOENIX-2953964 Datasheet
114Kb / 4P
EMG 22-REL/KSR-120/21
2953977 PHOENIX-2953977 Datasheet
69Kb / 2P
EMG 22-REL/KSR-120/21-21
2963019 PHOENIX-2963019 Datasheet
65Kb / 4P
Relay Module - EMG 10-REL/KSR-G 48/21-LC
2964762 PHOENIX-2964762 Datasheet
59Kb / 4P
Relay Module - EMG 10-REL/KSR- 48/21-LC AU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com