Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2951908 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2951908
Description  Relay Module - EMG 22-REL/KSR- 48/21
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2951908 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2951908 Datasheet HTML 1Page - PHOENIX CONTACT 2951908 Datasheet HTML 2Page - PHOENIX CONTACT 2951908 Datasheet HTML 3Page - PHOENIX CONTACT 2951908 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/2951908
10/22/2014   Page 2 / 4
Relay Module - EMG 22-REL/KSR- 48/21 - 2951908
Technical data
Ambient conditions
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Coil side
Nominal input voltage UN
48 V AC/DC
Input voltage range in reference to UN
0.9 ... 1.1
Typical input current at UN
10 mA
Typical response time
8 ms
Typical release time
10 ms
Operating voltage display
Yellow LED
Protective circuit
Bridge rectifier Bridge rectifier
Contact side
Contact type
Single contact, 1-PDT
Contact material
AgNi
Maximum switching voltage
250 V AC/DC
Maximum inrush current
8 A
Limiting continuous current
6 A
Interrupting rating (ohmic load) max.
144 W (at 24 V DC)
58 W (at 48 V DC)
48 W (at 60 V DC)
50 W (at 110 V DC)
80 W (at 220 V DC)
1500 VA (for 250 V AC)
General
Test voltage relay winding/relay contact
5 kVrms (50 Hz, 1 min.)
Test voltage relay contact/relay contact
1 kV AC (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
IP20
Mechanical service life
Approx. 5 x 107 cycles
Standards/regulations
EN 50178
Rated surge voltage / insulation
4 kV / Basic isolation, (safe isolation, reinforced insulation and 6 kV
between input circuit and output contact current paths.)
Rated insulation voltage
260 V AC
Pollution degree
2
Surge voltage category
III
Mounting position
any
Assembly instructions
In rows with zero spacing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com