Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801DB Datasheet(PDF) 13 Page - Intel Corporation

Part # 82801DB
Description  Intel 82801DB I/O Controller Hub 4 (ICH4)
PDF  587 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801DB Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82801DB Datasheet HTML 9Page - Intel Corporation 82801DB Datasheet HTML 10Page - Intel Corporation 82801DB Datasheet HTML 11Page - Intel Corporation 82801DB Datasheet HTML 12Page - Intel Corporation 82801DB Datasheet HTML 13Page - Intel Corporation 82801DB Datasheet HTML 14Page - Intel Corporation 82801DB Datasheet HTML 15Page - Intel Corporation 82801DB Datasheet HTML 16Page - Intel Corporation 82801DB Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 587 page
background image
Intel® 82801DB ICH4 Datasheet
13
10.1.4 STS — Device Status Register (IDE—D31:F1) .............................. 385
10.1.5 REVID—Revision ID Register (IDE—D31:F1) ................................ 385
10.1.6 PI — Programming Interface Register (IDE—D31:F1) ................... 386
10.1.7 SCC — Sub Class Code Register (IDE—D31:F1).......................... 386
10.1.8 BCC — Base Class Code Register (IDE—D31:F1) ........................ 386
10.1.9 MLT — Master Latency Timer Register (IDE—D31:F1) ................. 387
10.1.10 PCMD_BAR—Primary Command Block Base Address Register
(IDE—D31:F1) ................................................................................387
10.1.11 PCNL_BAR—Primary Control Block Base Address Register
(IDE—D31:F1) ................................................................................387
10.1.12 SCMD_BAR—Secondary Command Block Base Address Register
(IDE D31:F1)................................................................................... 388
10.1.13 SCNL_BAR—Secondary Control Block Base Address Register
(IDE D31:F1)................................................................................... 388
10.1.14 BM_BASE — Bus Master Base Address Register
(IDE—D31:F1) ................................................................................388
10.1.15 EXBAR — Expansion Base Address Register (IDE—D31:F1) ....... 389
10.1.16 IDE_SVID — Subsystem Vendor ID Register (IDE—D31:F1) ........ 389
10.1.17 IDE_SID — Subsystem ID Register (IDE—D31:F1)....................... 389
10.1.18 INTR_LN—Interrupt Line Register (IDE—D31:F1) ......................... 390
10.1.19 INTR_PN—Interrupt Pin Register (IDE—D31:F1) .......................... 390
10.1.20 IDE_TIM — IDE Timing Register (IDE—D31:F1) ........................... 390
10.1.21 SLV_IDETIM—Slave (Drive 1) IDE Timing Register
(IDE—D31:F1) ................................................................................392
10.1.22 SDMA_CNT—Synchronous DMA Control Register
(IDE—D31:F1) ................................................................................393
10.1.23 SDMA_TIM—Synchronous DMA Timing Register
(IDE—D31:F1) ................................................................................394
10.1.24 IDE_CONFIG—IDE I/O Configuration Register
(IDE—D31:F1) ................................................................................395
10.2
Bus Master IDE I/O Registers (D31:F1)....................................................... 396
10.2.1 BMIC[P,S]—Bus Master IDE Command Register .......................... 397
10.2.2 BMIS[P,S]—Bus Master IDE Status Register ................................. 398
10.2.3 BMID[P,S]—Bus Master IDE Descriptor Table Pointer Register .... 398
11
USB UHCI Controllers Registers ................................................................399
11.1
PCI Configuration Registers (D29:F0/F1/F2)............................................... 399
11.1.1 VID—Vendor Identification Register (USB—D29:F0/F1/F2)........... 399
11.1.2 DID—Device Identification Register (USB—D29:F0/F1/F2) ........... 400
11.1.3 CMD—Command Register (USB—D29:F0/F1/F2)......................... 400
11.1.4 STA—Device Status Register (USB—D29:F0/F1/F2) .................... 401
11.1.5 RID—Revision Identification Register (USB—D29:F0/F1/F2) ........ 401
11.1.6 PI—Programming Interface (USB—D29:F0/F1/F2) ........................ 401
11.1.7 SCC—Sub Class Code Register (USB—D29:F0/F1/F2) ................402
11.1.8 BCC—Base Class Code Register (USB—D29:F0/F1/F2) .............. 402
11.1.9 HTYPE—Header Type Register (USB—D29:F0/F1/F2)................. 402
11.1.10 BASE—Base Address Register (USB—D29:F0/F1/F2) ................. 403
11.1.11 SVID — Subsystem Vendor ID (USB—D29:F0/F1/F2) .................. 403
11.1.12 SID — Subsystem ID (USB—D29:F0/F1/F2) ................................. 403
11.1.13 INTR_LN—Interrupt Line Register (USB—D29:F0/F1/F2) ............. 404
11.1.14 INTR_PN—Interrupt Pin Register (USB—D29:F0/F1/F2) .............. 404
11.1.15 USB_RELNUM—USB Release Number Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com