Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801DB Datasheet(PDF) 39 Page - Intel Corporation

Part # 82801DB
Description  Intel 82801DB I/O Controller Hub 4 (ICH4)
PDF  587 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801DB Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82801DB Datasheet HTML 35Page - Intel Corporation 82801DB Datasheet HTML 36Page - Intel Corporation 82801DB Datasheet HTML 37Page - Intel Corporation 82801DB Datasheet HTML 38Page - Intel Corporation 82801DB Datasheet HTML 39Page - Intel Corporation 82801DB Datasheet HTML 40Page - Intel Corporation 82801DB Datasheet HTML 41Page - Intel Corporation 82801DB Datasheet HTML 42Page - Intel Corporation 82801DB Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 587 page
background image
Intel® 82801DB ICH4 Datasheet
39
Signal Description
2.1
Hub Interface to Host Controller
2.2
Link to LAN Connect
Table 2-1. Hub Interface Signals
Name
Type
Description
HI[11:0]
I/O
Hub Interface Signals
HI_STB /
HI_STBS
I/O
Hub Interface Strobe/ Hub Interface Strobe Second: One of two differential
strobe signals used to transmit and receive data through the hub interface.
Hub Interface 1.5 mode this signal is not differential and is the second of the
two strobe signals.
HI_STB# /
HI_STBF
I/O
Hub Interface Strobe Complement / Hub Interface Strobe First: One of two
differential strobe signals used to transmit and receive data through the hub
interface.
Hub Interface 1.5 mode this signal is not differential and is the first of the two
strobe signals.
HICOMP
I/O
Hub Interface Compensation: Used for hub interface buffer compensation.
HI_VSWING
I
Hub Interface Voltage Swing: Analog input used to control the voltage swing
and impedance strength of hub interface pins.
NOTES:
1. Refer to the platform design guide for expected voltages.
2. Refer to the platform design guide for resistor values and routing guidelines
for each hub interface mode.
Table 2-2. LAN Connect Interface Signals
Name
Type
Description
LAN_CLK
I
LAN I/F Clock: Driven by the LAN Connect component. Frequency range is
5MHz to 50 MHz.
LAN_RXD[2:0]
I
Received Data: The LAN Connect component uses these signals to transfer
data and control information to the integrated LAN controller. These signals
have integrated weak pull-up resistors.
LAN_TXD[2:0]
O
Transmit Data: The integrated LAN controller uses these signals to transfer
data and control information to the LAN Connect component.
LAN_RSTSYNC
O
LAN Reset/Sync: The LAN Connect component’s Reset and Sync signals are
multiplexed onto this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com