Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTBL2012 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WTBL2012
Description  Excellent solderability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WTBL2012 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WTBL2012 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WTBL2012 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WTBL2012 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WTBL2012 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WTBL2012 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
ASC_WTBL2012 Series_V5.0
Nov. Y2017
Features
1. Impedance 75Ωor 50Ω.
2. Excellent solderability.
Applications
1. TV Tuner、STB and Moblile devices.
Shape and Dimension
(2)
(3)
0.80
(1)
(4)
Recommended Patterns
M1
M3
2.60
Unit: mm
Ordering Information
WT
BL
2012
Z0
U
001
P
B
Product Code
Series
Dimensions
Series
extension
Tolerance
Value
Packing Code
WT:
Transformer
/Balun
/Common Mode
Choke
Balun
2.0 * 1.2 mm
Z0
Undefined
Serinal NO.
P=7” Reeled
(Embossed tape)
B:STD
SERIES
M1
M2
M3
M4
WTBL2012
2.0±
±±
±0.2
1.20±
±±
±0.2
1.20±
±±
±0.2
0.45(TYP.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com